Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-104-T Datasheet (PDF) - Abracon Corporation

ACA-104-T Datasheet PDF - Abracon Corporation
Part # ACA-104-T
Download  ACA-104-T Download
File Size   1935.92 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description GPS Chip Antenna 1575.00MHz

ACA-104-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA-104-T Datasheet PDF - Abracon Corporation

Part # ACA-104-T
Download  ACA-104-T Click to download

File Size   1935.92 Kbytes
Page   3 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description GPS Chip Antenna 1575.00MHz

ACA-104-T Datasheet (HTML) - Abracon Corporation


ACA-104-T Product details

FEATURES:
• Chip Antenna constructed from solid dielectric ceramic material
• Suitable for RoHS compliant reflow
• Gain 1.73 (3D Peak), -4.43 (3D Avg) [dBi]
• VSWR 1.0 ~ 3.0: 1 max
• Compact size - 3.0x1.5x1.2mm (0.118x0.059x0.047inch)
• Non Ground Mounting type.
• Linear Polarization
• Matched to 50 Ohm.

APPLICATIONS:
• GPS applications 1575MHz
• High density applications
• Sat Navs
• Tracking Devices
• Alternative to larger PCB solution




Similar Part No. - ACA-104-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
ACA-102-T ABRACON-ACA-102-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485 MHz
10.03.13
ACA-103-T ABRACON-ACA-103-T Datasheet
1Mb / 4P
Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz
10.03.13
ACA-105-T ABRACON-ACA-105-T Datasheet
1Mb / 5P
Surface Mount Multiband Chip Antenna 490 / 783 / 868 & 915MHz
10.06.14
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
BEIDOU / GPS / GNSS Chip Antenna
10.06.14
More results


Similar Description - ACA-104-T

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
GPS Antenna
GPA-CG2C2 MITSUMI-GPA-CG2C2 Datasheet
58Kb / 2P
GPS Antenna
logo
Abracon Corporation
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
BEIDOU / GPS / GNSS Chip Antenna
10.06.14
logo
Pulse A Technitrol Comp...
W3062A PULSE-W3062A Datasheet
265Kb / 5P
1.575GHz GPS Ceramic Chip Antenna
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
GPS ANTENNA
RPA-GP-A-16-IPEX-25-G RALTRON-RPA-GP-A-16-IPEX-25-G Datasheet
233Kb / 4P
GPS ANTENNA
RPA-GP-A-17-IPEX-23-Y RALTRON-RPA-GP-A-17-IPEX-23-Y Datasheet
188Kb / 3P
GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
GPS ANTENNA
logo
Abracon Corporation
ACAG0301-1575-T ABRACON-ACAG0301-1575-T Datasheet
3Mb / 6P
1575MHz GPS Ceramic Chip Antenna
06.21.2018
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com