Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-105-T Datasheet (PDF) - Abracon Corporation

ACA-105-T Datasheet PDF - Abracon Corporation
Part # ACA-105-T
Download  ACA-105-T Download
File Size   1303.81 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Surface Mount Multiband Chip Antenna 490 / 783 / 868 & 915MHz

ACA-105-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA-105-T Datasheet PDF - Abracon Corporation

Part # ACA-105-T
Download  ACA-105-T Click to download

File Size   1303.81 Kbytes
Page   5 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Surface Mount Multiband Chip Antenna 490 / 783 / 868 & 915MHz

ACA-105-T Datasheet (HTML) - Abracon Corporation




Similar Part No. - ACA-105-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
ACA-102-T ABRACON-ACA-102-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485 MHz
10.03.13
ACA-103-T ABRACON-ACA-103-T Datasheet
1Mb / 4P
Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz
10.03.13
ACA-104-T ABRACON-ACA-104-T Datasheet
1Mb / 3P
GPS Chip Antenna 1575.00MHz
10.03.13
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
BEIDOU / GPS / GNSS Chip Antenna
10.06.14
More results


Similar Description - ACA-105-T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0783AT43A0008 JOHANSON-0783AT43A0008 Datasheet
292Kb / 3P
783 MHz Antenna
logo
Abracon Corporation
ACA-108-T ABRACON-ACA-108-T Datasheet
1Mb / 4P
Multiband Chip Antenna
10.07.14
ACAJ-109-T ABRACON-ACAJ-109-T Datasheet
2Mb / 5P
Multiband Chip Antenna
11.19.15
logo
Melexis Microelectronic...
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
868/915MHz Transmitter
logo
Molex Electronics Ltd.
2081420001 MOLEX-2081420001 Datasheet
43Kb / 1P
ISM 868/915MHz Ceramic Antenna, Low-Profile, SMT
logo
Pulse A Technitrol Comp...
W3312XXXXXX PULSE-W3312XXXXXX Datasheet
952Kb / 12P
ISM 868/915MHz PCB Antenna with coax feed
logo
Molex Electronics Ltd.
2081420001 MOLEX-2081420001_V01 Datasheet
43Kb / 1P
ISM 868/915MHz Ceramic Antenna, Low-Profile, SMT
12/15/2021
logo
Nordic Semiconductor
NRF905 NORDIC-NRF905 Datasheet
690Kb / 41P
Single chip 433/868/915MHz Transceiver
April 2008
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
logo
WONGSHI ENTERPRISE LIMI...
AH1G.502.L550 ANTENNAHOME-AH1G.502.L550 Datasheet
512Kb / 2P
H550 FiberGlass, N-type, 868/915MHz Antenna
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com