| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PBSS4120T
|
47Kb / 7P |
20 V, 1 A NPN low VCEsat (BISS) transistor
2003 Sep 29 |
|
PBSS4220V
|
119Kb / 13P |
20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006 |
|
PBSS302NZ
|
102Kb / 14P |
20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006 |
|
PBSS4420D
|
124Kb / 14P |
20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008 |
|
2PD2150
|
131Kb / 13P |
20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007 |
|
PBSS302NX
|
197Kb / 15P |
20 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02-20 November 2009 |
|
PBSS4021NX
|
257Kb / 14P |
20 V, 7 A NPN low VCEsat (BISS) transistor
11 December 2012 |
|
PBSS4420D
|
131Kb / 14P |
20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008 |
 Nexperia B.V. All right... |
PBSS4021NT
|
298Kb / 15P |
20 V, 4.3 A NPN low VCEsat (BISS) transistor
Rev. 01 - 31 January 2010 |
|
PBSS4320X
|
269Kb / 13P |
20 V, 3 A NPN low VCEsat (BISS) transistor
27 May 2019 |