Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDX12221BZLDEX Datasheet (PDF) - Diodes Incorporated

Part # PI3HDX12221BZLDEX
Description  12Gbps HDMI2.1 2-to-1 Active Mux with Linear ReDriver & I2C Control
File Size   180.66 Kbytes
Html View  1 
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX12221BZLDEX Datasheet (PDF) - Diodes Incorporated



Similar Part No. - PI3HDX12221BZLDEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3HDX12211A DIODES-PI3HDX12211A Datasheet
676Kb / 1P
4 Channel HDMI2.1 Linear Redriver with Low Equalizer Option
Rev 2 March 2021
PI3HDX12211AZHEX DIODES-PI3HDX12211AZHEX Datasheet
676Kb / 1P
4 Channel HDMI2.1 Linear Redriver with Low Equalizer Option
Rev 2 March 2021
PI3HDX12212 DIODES-PI3HDX12212 Datasheet
711Kb / 1P
3.3V 12.0Gbps HDMI2.1 1-to-2 Active DeMux Linear ReDriver
Rev 3 June 2021
PI3HDX12212ZLDEX DIODES-PI3HDX12212ZLDEX Datasheet
711Kb / 1P
3.3V 12.0Gbps HDMI2.1 1-to-2 Active DeMux Linear ReDriver
Rev 3 June 2021
More results


Similar Description - PI3HDX12221BZLDEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI101 PERICOM-PI3HDMI101 Datasheet
491Kb / 12P
1:1 Active HDMITM Redriver with Optimized Equalization & I2C Buffer
logo
Texas Instruments
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
logo
Pericom Semiconductor C...
PI3HDMI101ZHEX PERICOM-PI3HDMI101ZHEX Datasheet
555Kb / 14P
1:1 Active HDMI??ReDriver??with Optimized Equalization & I2C Buffer
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
logo
Pericom Semiconductor C...
PI3HDMI101-B PERICOM-PI3HDMI101-B Datasheet
940Kb / 16P
1:1 Active HDMI ReDriver with Optimized Equalization & I2C Buffer and RxTerm detection circuitry
logo
Texas Instruments
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
logo
Texas Instruments
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
logo
Diodes Incorporated
PI2DPX2063 DIODES-PI2DPX2063 Datasheet
1Mb / 36P
1.8V 20Gbps DP2.0 Linear ReDriver with AUX Listener & I2C Control
Rev 2 - 2 July 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com