Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS89161 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

Part # FDS89161
Description  N-Channel Enhancement MOSFET
File Size   2711.55 Kbytes
Html View  1   2   3   4   5 
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDS89161 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd



Similar Part No. - FDS89161

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS89161 FAIRCHILD-FDS89161 Datasheet
266Kb / 6P
Dual N-Channel PowerTrench짰 MOSFET 100 V, 2.7 A, 105 m廓
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
logo
ON Semiconductor
FDS89161LZ ONSEMI-FDS89161LZ Datasheet
399Kb / 8P
Dual N-Channel Shielded Gate PowerTrench® MOSFET 100 V, 2.7 A, 105 mΩ
September 2015 Rev. 1.2
More results


Similar Description - FDS89161

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com