Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301410024 Datasheet (PDF) - Molex Electronics Ltd.

Part # 1301410024
Description  Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
File Size   40.98 Kbytes
Html View  1 
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301410024 Datasheet (PDF) - Molex Electronics Ltd.



Similar Part No. - 1301410024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410020 MOLEX11-1301410020 Datasheet
35Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
1301410022 MOLEX11-1301410022 Datasheet
54Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-15, 250V
1301410023 MOLEX11-1301410023 Datasheet
35Kb / 1P
Super-Safeway Connector, 2 Pole/2 Wire, NEMA 1-15, 125V
1301410025 MOLEX11-1301410025 Datasheet
45Kb / 1P
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-20, 125V
1301410027 MOLEX11-1301410027 Datasheet
43Kb / 1P
Super-Safeway Ground Fault Monitoring Connector 2 Pole/3 Wire, NEMA 5-20, 125V
More results


Similar Description - 1301410024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130141-0024 MOLEX11-130141-0024 Datasheet
48Kb / 1P
Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130149-0006 MOLEX11-130149-0006 Datasheet
52Kb / 1P
Safeway Flanged Inlet, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
130141-0007 MOLEX11-130141-0007 Datasheet
50Kb / 1P
Super-Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130144-0051 MOLEX11-130144-0051 Datasheet
58Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130144-0052 MOLEX11-130144-0052 Datasheet
31Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Yellow
1301440051 MOLEX11-1301440051 Datasheet
51Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301440052 MOLEX11-1301440052 Datasheet
42Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Yellow
1301490006 MOLEX11-1301490006 Datasheet
44Kb / 1P
Safeway Flanged Inlet, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
130149-0001 MOLEX11-130149-0001 Datasheet
52Kb / 1P
Safeway Flanged Receptacle, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
1301410007 MOLEX11-1301410007 Datasheet
42Kb / 1P
Super-Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com