Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80PCI810 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
Part # DS80PCI810
Description  Low-Power 8 Gbps 8-Channel Linear Repeater
File Size   1756.1 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI810 Datasheet (PDF) - Texas Instruments



Similar Part No. - DS80PCI810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI800 TI1-DS80PCI800 Datasheet
1Mb / 39P
2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
1Mb / 39P
2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS80PCI800SQ/NOPB TI1-DS80PCI800SQ/NOPB Datasheet
3Mb / 45P
DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS80PCI800SQE TI1-DS80PCI800SQE Datasheet
1Mb / 39P
2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater with Equalization and De-Emphasis
More results


Similar Description - DS80PCI810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100KR800 TI1-DS100KR800 Datasheet
3Mb / 33P
Ultra Low Power, 8-Channel Repeater for Data-rates up to 10.3 Gbps
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
Low Power 28 Gbps 8 Channel Linear Repeater
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com