Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80PCI810 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS80PCI810
Description  Low-Power 8 Gbps 8-Channel Linear Repeater
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI810 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS80PCI810 Datasheet HTML 5Page - Texas Instruments DS80PCI810 Datasheet HTML 6Page - Texas Instruments DS80PCI810 Datasheet HTML 7Page - Texas Instruments DS80PCI810 Datasheet HTML 8Page - Texas Instruments DS80PCI810 Datasheet HTML 9Page - Texas Instruments DS80PCI810 Datasheet HTML 10Page - Texas Instruments DS80PCI810 Datasheet HTML 11Page - Texas Instruments DS80PCI810 Datasheet HTML 12Page - Texas Instruments DS80PCI810 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
DS80PCI810
www.ti.com
SNLS493A – OCTOBER 2014 – REVISED JANUARY 2015
Electrical Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CML RECEIVER INPUTS (IN_n+, IN_n-)
ZRx-DIFF-DC
Rx DC differential mode impedance
Tested at VDD = 2.5 V
80
100
120
ZRx-DC
Rx DC single ended impedance
Tested at VDD = 2.5 V
40
50
60
SDD11 10 MHz
-19
RLRx-DIFF
Rx Differential Input return loss
SDD11 2 GHz
-14
dB
SDD11 6-11.1 GHz
-8
RLRx-CM
Rx Common mode return loss
SCC11 0.05 - 5 GHz
-10
dB
Signal detect assert level for active
SD_TH = F (float),
VRx-ASSERT-DIFF-PP
57
mVp-p
data signal
1010 pattern at 12 Gbps
VRx-DEASSERT-DIFF- Signal detect de-assert for inactive
SD_TH = F (float),
44
mVp-p
PP
signal level
1010 pattern at 12 Gbps
HIGH SPEED OUTPUTS
SDD22 10 MHz - 2 GHz
-15
dB
RLTx-DIFF
Tx Differential return loss
SDD22 5.5 GHz
-12
SDD22 11.1 GHz
-10
dB
RLTx-CM
Tx Common mode return loss
SCC22 50 MHz- 2.5 GHz
-8
dB
ZTx-DIFF-DC
DC differential Tx impedance
100
Total current when output is
ITx-SHORT
Transmitter short circuit current limit
20
mA
shorted to VDD or GND
VTx-CM-DC-LINE-
Absolute delta of DC common mode
25
mV
DELTA
voltage between Tx+ and Tx-
Differential measurement with
OUT_n+ and OUT_n-,
AC-Coupled and terminated by
50
Ω to GND,
VTx-DIFF1-PP
Output Voltage Differential Swing
Inputs AC-Coupled,
615
mVp-p
Measured with 8T Pattern at 12
Gbps(1)
VID = 600 mVp-p
VOD = Level 6(2)(3)
Differential measurement with
OUT_n+ and OUT_n-,
AC-Coupled and terminated by
50
Ω to GND,
VTx-DIFF2-PP
Output Voltage Differential Swing
Inputs AC-Coupled,
950
mVp-p
Measured with 8T Pattern at 12
Gbps(1)
VID = 1000 mVp-p
VOD = Level 6(2)(3)
Differential measurement with
OUT_n+ and OUT_n-,
AC-Coupled and terminated by
50
Ω to GND,
VTx-DIFF3-PP
Output Voltage Differential Swing
Inputs AC-Coupled,
1100
mVp-p
Measured with 8T Pattern at 12
Gbps(1)
VID = 1200 mVp-p
VOD = Level 6(2)(3)
(1)
8T pattern is defined as a 1111111100000000'b pattern bit sequence.
(2)
ATE measurements for production are tested at DC.
(3)
In PCIe applications, the output VOD level is not fixed. It adjusts automatically based on the VID input amplitude level. The output VOD
level set by VODA/B[1:0] depends on the VID level and the frequency content. The DS80PCI810 repeater is designed to be transparent
in this mode, so the Tx-FIR (de-emphasis) is passed to the Rx to support the handshake negotiation link training.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com