Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80PCI810 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DS80PCI810
Description  Low-Power 8 Gbps 8-Channel Linear Repeater
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI810 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DS80PCI810 Datasheet HTML 17Page - Texas Instruments DS80PCI810 Datasheet HTML 18Page - Texas Instruments DS80PCI810 Datasheet HTML 19Page - Texas Instruments DS80PCI810 Datasheet HTML 20Page - Texas Instruments DS80PCI810 Datasheet HTML 21Page - Texas Instruments DS80PCI810 Datasheet HTML 22Page - Texas Instruments DS80PCI810 Datasheet HTML 23Page - Texas Instruments DS80PCI810 Datasheet HTML 24Page - Texas Instruments DS80PCI810 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DS80PCI810
www.ti.com
SNLS493A – OCTOBER 2014 – REVISED JANUARY 2015
Table 6. EEPROM Address Map - Single Device With Default Value (continued)
EEPROM Address Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Description
CH2_VOD_DB_2
CH2_VOD_DB_1
CH2_VOD_DB_0
Reserved
CH2_THa_1
CH2_THa_0
CH2_THd_1
CH2_THd_0
SMBus Register
0x1F[2]
0x1F[1]
0x1F[0]
0x20[7]
0x20[3]
0x20[2]
0x20[1]
0x20[0]
0x11
Default
0x40
0
1
0
0
0
0
0
0
Value
Description
Reserved
Reserved
CH3_RXDET_1
CH3_RXDET_0
Reserved
Reserved
Reserved
Reserved
SMBus Register
0x23[5]
0x23[4]
0x23[3]
0x23[2]
0x24[7]
0x24[6]
0x24[5]
0x24[4]
0x12
Default
0x02
0
0
0
0
0
0
1
0
Value
Description
Reserved
Reserved
CH3_EQ_1
CH3_EQ_0
CH3_SCP
Reserved
Reserved
Reserved
SMBus Register
0x24[3]
0x24[2]
0x24[1]
0x24[0]
0x25[7]
0x25[6]
0x25[5]
0x25[4]
0x13
Default
0xFA
1
1
1
1
1
0
1
0
Value
Description
Reserved
CH3_VOD_2
CH3_VOD_1
CH3_VOD_0
CH3_VOD_DB_2
CH3_VOD_DB_1
CH3_VOD_DB_0
Reserved
SMBus Register
0x25[3]
0x25[2]
0x25[1]
0x25[0]
0x26[2]
0x26[1]
0x26[0]
0x27[7]
0x14
Default
0xD4
1
1
0
1
0
1
0
0
Value
Description
CH3_THa_1
CH3_THa_0
CH3_THd_1
CH3_THd_0
Reserved
hi_idle_SD CH0-3
hi_idle_SD CH4-7
fast_SD CH0-3
SMBus Register
0x27[3]
0x27[2]
0x27[1]
0x27[0]
0x28[6]
0x28[5]
0x28[4]
0x28[3]
0x15
Default
0x09
0
0
0
0
1
0
0
1
Value
Description
fast_SD CH4-7
lo_gain_SD CH0-3 lo_gain_SD CH4-7 Reserved
Reserved
CH4_RXDET_1
CH4_RXDET_0
Reserved
SMBus Register
0x28[2]
0x28[1]
0x28[0]
0x2B[5]
0x2B[4]
0x2B[3]
0x2B[2]
0x2C[7]
0x16
Default
0x80
1
0
0
0
0
0
0
0
Value
Description
Reserved
Reserved
Reserved
Reserved
Reserved
CH4_EQ_1
CH4_EQ_0
CH4_SCP
SMBus Register
0x2C[6]
0x2C[5]
0x2C[4]
0x2C[3]
0x2C[2]
0x2C[1]
0x2C[0]
0x2D[7]
0x17
Default
0x5F
0
1
0
1
1
1
1
1
Value
Description
Reserved
Reserved
Reserved
Reserved
CH4_VOD_2
CH4_VOD_1
CH4_VOD_0
CH4_VOD_DB_2
SMBus Register
0x2D[6]
0x2D[5]
0x2D[4]
0x2D[3]
0x2D[2]
0x2D[1]
0x2D[0]
0x2E[2]
0x18
Default
0x5A
0
1
0
1
1
0
1
0
Value
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com