Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80PCI810 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DS80PCI810
Description  Low-Power 8 Gbps 8-Channel Linear Repeater
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI810 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DS80PCI810 Datasheet HTML 12Page - Texas Instruments DS80PCI810 Datasheet HTML 13Page - Texas Instruments DS80PCI810 Datasheet HTML 14Page - Texas Instruments DS80PCI810 Datasheet HTML 15Page - Texas Instruments DS80PCI810 Datasheet HTML 16Page - Texas Instruments DS80PCI810 Datasheet HTML 17Page - Texas Instruments DS80PCI810 Datasheet HTML 18Page - Texas Instruments DS80PCI810 Datasheet HTML 19Page - Texas Instruments DS80PCI810 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
DS80PCI810
SNLS493A – OCTOBER 2014 – REVISED JANUARY 2015
www.ti.com
Device Functional Modes (continued)
Table 2. RX Detect Settings
PWDN(1)
RXDET
SMBus REG
INPUT
RECOMMENDED
COMMENTS
(Pin 52)
(Pin 22)
Bit[3:2]
TERMINATION
USE
0
0
00
Hi-Z
Manual Rx-Detect, input is Hi-Z
Auto Rx-Detect, outputs test every 12 ms for 600
ms then stops; termination is Hi-Z until Rx
Pre Detect: Hi-Z
0
R
01
PCIe
detection; once detected input termination is 50
Post Detect: 50
Ω
Reset function by pulsing PWDN high for 5 µs then
low again
Auto Rx-Detect, outputs test every 12 ms until
F
Pre Detect: Hi-Z
0
10
PCIe
detection occurs; termination is Hi-Z until Rx
(Default)
Post Detect: 50
Ω
detection; once detected input termination is 50
0
1
11
50
Manual Rx-Detect, input is 50
Power Down mode, input is Hi-Z, output drivers
are disabled
1
X
X
Hi-Z
Used to reset Rx-Detect State Machine when held
high for 5 µs
(1)
In SMBus Slave Mode, the Rx Detect State Machine can be manually reset in software by overriding the device PRSNT function. This is
accomplished by setting the Override PRSNT bit (Reg 0x02[7]) and then toggling the PRSNT value bit (Reg 0x02[6]). See Table 9 for
more information about resetting the Rx Detect State Machine.
Table 3. Signal Detect Status Threshold Level(1)(2)
SD_TH
SMBus REG BIT[3:2]
[3:2] ASSERT LEVEL
[1:0] DE-ASSERT LEVEL
LEVEL
(PIN 26)
and[1:0]
(mVp-p)
(mVp-p)
3 Gbps
12 Gbps
3 Gbps
12 Gbps
1
0
10
18
75
14
55
2
R
01
12
40
8
22
3
F (default)
00
15
50
11
37
4
1
11
16
58
12
45
(1)
VDD = 2.5 V, 25°C, 1010 pattern at 1.5 Gbps and 101010 pattern at 12 Gbps
(2)
Signal detect status threshold sets the value at which a signal detect status is flagged via SMBus Reg 0x0A. Regardless of the threshold
level, the output always remains enabled unless manually powered down.
7.4.3 SMBus Master Mode
When in SMBus Master Mode (ENSMB = Float), the VOD (output amplitude), equalization, and termination
disable features for multiple devices can be loaded via external EEPROM. By asserting a Float condition on the
ENSMB pin, an external EEPROM writes register settings to each device in accordance with its SMBus slave
address. The settings programmable by external EEPROM provide only a subset of all the register bits available
via SMBus Slave Mode, and the bit-mapping between SMBus Slave Mode registers and EEPROM addresses
can be referenced in Table 6. Once the EEPROM successfully finishes loading each device's register settings,
the device reverts back to SMBus Slave Mode and releases SDA/SCL control to an external master MCU. If the
EEPROM fails to load settings to a particular device, for example due to an invalid or blank hex file, the device
waits indefinitely in an unknown state where access to the SMBus lines is not possible.
7.4.4 Signal Conditioning Settings
Equalization and VOD settings accessible via the pin controls are chosen to meet the needs of most high speed
applications. These settings can also be controlled via the SMBus registers. Each pin input has a total of four
possible voltage level settings. Table 4 and Table 5 show both the Pin Mode and SMBus Mode settings that are
used in order to program the equalization and VOD gain for each DS80PCI810 channel.
16
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com