Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80PCI810 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DS80PCI810
Description  Low-Power 8 Gbps 8-Channel Linear Repeater
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS80PCI810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DS80PCI810 Datasheet HTML 9Page - Texas Instruments DS80PCI810 Datasheet HTML 10Page - Texas Instruments DS80PCI810 Datasheet HTML 11Page - Texas Instruments DS80PCI810 Datasheet HTML 12Page - Texas Instruments DS80PCI810 Datasheet HTML 13Page - Texas Instruments DS80PCI810 Datasheet HTML 14Page - Texas Instruments DS80PCI810 Datasheet HTML 15Page - Texas Instruments DS80PCI810 Datasheet HTML 16Page - Texas Instruments DS80PCI810 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-40
-15
10
35
60
85
Temperature (
SC)
VID = 0.6Vpp
VID = 0.8Vpp
VID = 1.0Vpp
VID = 1.2Vpp
C001
0.2
0.4
0.6
0.8
1
1.2
1.4
0.2
0.4
0.6
0.8
1
1.2
1.4
Input Differential Voltage (Vpp)
Level 1
Level 2
Level 3
Level 4
Level 5
Level 6
C005
350
370
390
410
430
450
470
490
510
530
550
570
590
1
2
3
4
5
6
VOD Level
VDD = 2.5 V
C006
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
2.325
2.5
2.675
VDD (V)
VID = 0.6Vpp
VID = 0.8Vpp
VID = 1.0Vpp
VID = 1.2Vpp
C003
DS80PCI810
www.ti.com
SNLS493A – OCTOBER 2014 – REVISED JANUARY 2015
6.9 Typical Characteristics
Test Conditions
Test Conditions
Data Rate, Test Pattern
1.5625 Gbps, 1010 Pattern
EQ
Level 4
VOD
Level 6
VOD_DB
000'b
EQ
Level 1
T
25°C
T
25°C
Figure 5. Typical Power Dissipation vs. VOD
Figure 6. Typical VOD vs. VDD
Test Conditions
Test Conditions
Data Rate, Test Pattern
1.5625 Gbps, 1010 Pattern
Data Rate, Test Pattern
1.5625 Gbps, 1010 Pattern
VOD
Level 6
EQ
Level 1
EQ
Level 1
T
25°C
VDD
2.5 V
VDD
2.5 V
Figure 7. Typical VOD vs. Temperature
Figure 8. Typical VOD vs. VID
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com