| Electronic Components Datasheet Search |
|
LPS Marking, LP6253HSPF Datasheet(PDF) 3 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6253HSPF Datasheet(HTML) 3 Page - Lowpower Semiconductor inc |
|
3 / 12 page ![]() LP6253H Aug.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 3 of 12 Preliminary Datasheet LP6253H Function Diagram EN EN SLOPE COMPENSAION CURRENT SENSER CURRENT LIMIT INTERNAL COMPENSATION CONTROL LOGIC OSC LX FB VIN VHIGH PGND BODY AND VHICH SELECT REF AGND VOUT RLIM Low voltage detection/Power good indication PG Absolute Maximum Ratings Note 1 Input and VOUT to GND ------------------------------------------------------------------------------------------------- 6V Other Pin to GND (FB,EN,LX) ----------------------------------------------------------------------------------------- 6V Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃ Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260℃ Operating Ambient Temperature Range -------------------------------------------------------- -40℃ to 85℃ Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Thermal Information Maximum Power Dissipation (ESOP8, PD,TA=25℃) ----------------------------------------------------------- 2W Thermal Resistance (ESOP8, JA) ----------------------------------------------------------------------------- 46℃/W Maximum Power Dissipation (TDFN-10, PD,TA=25℃) ------------------------------------------------------- 1.5W Thermal Resistance (TDFN-10, JA) ----------------------------------------------------------------------------- 68℃/W ESD Susceptibility HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |