| Electronic Components Datasheet Search |
|
LPS Marking, LP6253HSPF Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6253HSPF Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 12 page ![]() LP6253H Aug.-2017 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 12 Preliminary Datasheet LP6253H Electrical Characteristics (VIN=3.5V, VOUT=5V, CIN=22uF×2, COUT=22uF×2, L=1uH) Parameter Condition Min Typ. Max Units Supply Voltage 2.5 5.5 V Output Voltage Range 2.8 5.5 V Under voltage lockout VIN rising 1.8 2 2.2 V Supply Current(Shutdown) VEN= 0V 0.5 1 μA Supply Current VEN= 3V 200 μA Feedback Voltage 1.186 1.21 1.234 V Feedback Input Current VFB=1.21V 0.1 1 μA Switching Frequency 650 KHz EN Input Low Voltage 0.4 V EN Input High Voltage 1.4 V High-side On Resistance VOUT=5V 55 mΩ Low-side On Resistance VOUT=5V 55 mΩ Switch Current Limit 8 A Line regulation 0.6 % Over temperature protection 150 ℃ Over temperature hysteresis 20 ℃ LX VIN AGND VOUT FB LP6253H VIN R2 47K R1 150K VOUT 5V / 2.4A C3 22uF L 1uH RLIM RLIM 100K C1 22uF C2 22uF C4 22uF C5 0.1uF PG R3 1.5k LED Close to PGND EN Note: The trace between power ground and output cap ground must be as short and wide enough as possible. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |