| Electronic Components Datasheet Search |
|
LPS Marking, LP6280 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6280 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc |
|
8 / 12 page ![]() LP6280 Page 8 of 12 LP6280–00 Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com Preliminary Datasheet Application Information (Continued) 1. IIC Interface Specification The LP6280 can easily modify parameters by IIC bus, that slave address is 0x3EH. IIC is a two wire serial interface developed, the bus consists of a clock line(SCL) and a data line(SDA) with pull-up structures. The LP6280 works as a slave mode, and address is 3E. The data transfer protocol is follow IIC-Bus Specification's standard mode(100kbps) and fast mode(400kbps). DATA CLK S START condition P STOP condition Figure 10. START and STOP Conditions DATA CLK Data line stable; data valid Change of data allowed Figure 11. Bit Transfer on the Serial Interface 2. Write Data to Register SCL SDA A6 A5 A4 A3 A2 A1 A0 R/W ACK A6 A5 A4 A3 A2 A1 A0 A7 ACK 0 Slave Address (0x3E + W ) Register Address Start 1 1 0 1 1 1 1 1 0 1 7 8 D6 D5 D4 D3 D2 D1 D0 D7 ACK Data Stop 1 8 Figure 12. Write Data to Register 3. Read Data to Register SCL SDA A6 A5 A4 A3 A2 A1 A0 R/W ACK A6 A5 A4 A3 A2 A1 A0 A7 ACK 0 Slave Address (0x3E + W ) Register Address Start 1 1 0 1 1 1 1 1 0 1 7 8 ACK 1 8 D6 D5 D4 D3 D2 D1 D0 D7 ACK Data Stop 1 8 1 Slave Address (0x3E + R ) 0 1 1 1 1 1 0 A6 A5 A4 A3 A2 A1 A0 R/W Sr Figure 13. Read Data from Register |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |