| Electronic Components Datasheet Search |
|
LPS Marking, LP6280 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6280 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc |
|
10 / 12 page ![]() LP6280 Page 10 of 12 LP6280–00 Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com Preliminary Datasheet Application Information (Continued) Set VON Voltage (Register Address – 01H) VON Voltage Addr: 01H Default Value : VON(Register)=0x0FH, VON =-5.5V D7 D6 D5 D4 D3 D2 D1 D0 R R R R/W R/W R/W R/W R/W 0 0 0 VON[4] VON [3] VON [2] VON [1] VON [0] VON [4:0] Register Volt (V) Register Volt (V) 00000 -4.00 10000 -5.60 00001 -4.10 10001 -5.70 00010 -4.20 10010 -5.80 00011 -4.30 10011 -5.90 00100 -4.40 10100 -6.00 00101 -4.50 10101 -6.00 00110 -4.60 10110 -6.00 00111 -4.70 10111 -6.00 01000 -4.80 11000 -6.00 01001 -4.90 11001 -6.00 01010 -5.00 11010 -6.00 01011 -5.10 11011 -6.00 01100 -5.20 11100 -6.00 01101 -5.30 11101 -6.00 01110 -5.40 11110 -6.00 01111 -5.50 11111 -6.00 Set Discharge Resistor Enable (Register Address – 03H) Discharged Resistor Enable/Disable Addr: 03H Default Value : DIS_VO(Register)=0x03H D7 D6 D5 D4 D3 D2 D1 D0 R R R R R R R/W R/W 0 0 0 0 0 0 DIS_VOP DIS_VON DIS_VOP DIS_VON Register DIS_VOP Register DISP_VOP 0 Disable 0 Disable 1 Enable 1 Enable Set Control Register (Register Address – FFH) Control Register Addr: FFH Write : Control(Register)=0x80H, Read : Control(Register)=0x00H D7 D6 D5 D4 D3 D2 D1 D0 R/W R R R R R R R W_EPROM 0 0 0 0 0 0 0 W_EPROM Register Bit Description 0 Disable any registers data write into the EPROM 1 Enable all register’s data to write into the EPROM |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |