| Electronic Components Datasheet Search |
|
LPS Marking, LP6280 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6280 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 12 page ![]() LP6280 Page 4 of 12 LP6280–00 Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com Preliminary Datasheet Absolute Maximum Ratings Note 1 Supply Voltage VIN, VCFLY1 ------------------------------------------------------------------ -0.3V to +7V Enable Voltage VENN, VENP ------------------------------------------------------------------ -0.3V to VIN+0.3V Positive Output Voltage VOUT, VOP --------------------------------------------------------- -0.3V to +7V Negative Output Voltage VON, VCFY2 ------------------------------------------------------ +0.3V to -7V SW Voltage VSW ---------------------------------------------------------------------------------- -0.3V to +7V SDA,SCL Voltage --------------------------------------------------------------------------------- -0.3V to +7V Operating Junction Temperature Range (TJ) ----------------------------------------------- -40°C to +150°C Operation Ambient Temperature Range ----------------------------------------------------- -40°C to +85°C Storage Temperature Range ------------------------------------------------------------------- -65°C to +150°C Maximum Soldering Temperature (at leads, 10sec) -------------------------------------- +260°C Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Thermal Information Thermal Resistance WLCSP 15-ball (1.4mm x 2.3mm) , θJA ------------------------------------------------------------------------- 95°C/W WLCSP 15-ball (1.4mm x 2.3mm), θJC ------------------------------------------------------------------------- 1°C/W ESD Susceptibility HBM(Human Body Mode) Note 2 ---------------------------------------------------------------------------------- 2KV MM(Machine Mode) Note 3 ------------------------------------------------------------------------------------------ 200V Note 2. The Human body model (HBM) is a 100pF capacitor discharged through a 1.5kΩ resistor into each pin. The testing is done according JEDEC. Note 3. Machine Model (MM) is a 200pF capacitor discharged through a 500nH inductor with no series resistor into each pin. The testing is done according JEDEC. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |