| Electronic Components Datasheet Search |
|
LPS Marking, LP6283 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6283 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc |
|
7 / 10 page ![]() LP6283–00 Version 0.0 Jul.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 7 of 10 Preliminary Datasheet LP6283 Electrical Characteristics (VIN = 12V, TA = 25°C unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units General IN2, INVL Input Voltage Range 8 12 14 V Quiescent Current into INVL I Q-IN LX not switching 0.02 2 mA Under-Voltage Lockout Threshold V UVLO VIN Rising 5.4 6 6.6 V Falling Hystersis 0.1 - 0.5 V Switching Frequency FSW FSEL = GND 500 kHz FSEL = VIN 750 Maximum Duty-Cycle DMAX 80 % Thermal Shutdown Threshold TSD 160 °C Boost Regulator Output Voltage Range VAVDD VIN 18 V FB1 Reference Voltage VFB1 1.2375 1.25 1.2625 V FB Line Regulation VIN= 10.8V to 13.2V 0.15 0.2 %/V Transconductance Gm1 ΔI = ±2.5μA at VCOMP = 1V 120 μA/V Voltage Gain AV FB to COMP 1250 V/V Current Limit ILIM1 3 4 A On-Resistance RDS(ON) 100 250 m Ω Current-Sense Transresistance RCS 0.25 V/A Soft-start Charge Current ISS 5 μA Internal Soft-Start TSS1 C8 < 220pF 10 ms Reference REF Output Voltage VREF No external load, 1.25 V REF Load Regulation 0 < IREF < 50 μA 10 mV REF Sink Current REF in Regulation 10 μA Buck Regulator FB2 Reference Voltage VFB2 1.2375 1.25 1.2625 V FB2 Reference Voltage VFB2 0.2 V DC Line Regulation 10.8V < VIN < 13.2V 0.1 %/V LX2-IN2 Switch MOS RDS(ON) 150 300 m Ω LX2-PGND Switch MOS RDS(ON) 20 Ω Current Limit ILIM2 2.5 3.2 A Error Amplifier Transconductance Gm2 100 μA/V Error Amplifier Voltage Gain AV 700 V/V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |