Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LPS Marking, LP6283 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP6283
Description  Power Management ICs for TV / Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6283 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP6283 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LP6283–00
Version 0.0
Jul.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 9 of 10
Preliminary Datasheet
LP6283
VDLY = 3V, GVOFF = 0
40
DRN Input Current
DRN = 8V, VDLY = 3V, VGHM > DRN,
GVOFF = 0
0
1
μA
VGH Switch On-Resistance
VDLY = GVOFF = 3V
5
10
Ω
DRN Switch On-Resistance
VDLY = 3V, GVOFF = 0, VGHM= 28V,
VTHR = 1.4V
20
50
Ω
VGHM Stop Level
10 x
VTHR
V
Voltage Detector (XAO)
Detecting Voltage Adjustment
VDET
Falling edge
1.25
V
Detecting Voltage Accuracy
−1
1
%
VCOMP OPAmp
Supply Voltage Range
VIN-OP
4.5
18
V
Supply Current
IQ-OP
3
mA
Input Offset Voltage
VOS
VCOM = AVDD/2
20
mV
Input Bias Current
IBias
1
100
nA
Output Voltage Swing High
VOH
ILoad = 10mA
VSUP
−100
mV
Output Voltage Swing Low
VOL
ILoad =
−10mA
100
mV
Short-Circuit Current
To AVDD/2 Source or Sink for 1ms
300
mA
-3dB Bandwidth
F3dB
RL = 10k
Ω, CL= 10pF
20
MHz
Gain Bandwidth Product
GBW
RL = 10k
Ω, CL = 10pF
8
MHz
Slew Rate
45
V/
μs
HVLDO
Quiescent Current
IQ
40
μA
LDO Feedback Reference Voltage
VREF_FB
1.25
V
Feedback Voltage Tolerance
−0.5
0.5
%
Output Current Limit
VREF_I= 15V, VREF_O= 14V, ROUT= 50
Ω
60
mA
Dropout Voltage
VDrop
ILoad = 60mA
0.5
V
Power Supply Rejection Rate
PSRR
VREF_I = VREF_O + 1V, IOUT= 10mA
60
dB
Switching-Frequency Selection
FSEL Input Levels
FSEL = High
1.5
V
FSEL = Low
0.6
FSEL Pull High Current
1
μA
Note 1. Stresses listed as the above
"Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. The device is not guaranteed to function outside its operating conditions.
Note 3.
θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity four layers test board.
The case position of
θJC is on the exposed pad of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com