Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

LPS Marking, LP6283 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6283
Description  Power Management ICs for TV / Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6283 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6283 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP6283–00
Version 0.0
Jul.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Preliminary Datasheet
LP6283
Functional Pin Description
Pin Num
Pin Name
Description
1
LDO_I
Linear Regulator Power Source. Bypass LDO_I to GND a capacitor.
2
OPS
OPA Power Source. Bypass OPS to OGND a capacitor.
3
OGND
Ground for OPA. Connect this pin to ground.
4
OPP
OPA Non-Inverting Input.
5
OPN
OPA Inverting Input.
6
OPO
OPA Output.
7
XAO
Reset Function Output. Open drain.
8
GVOFF
High-Voltage Switch Control Input. When GVOFF is high the high voltage switch between VGH and VGHM
is on and the high-voltage switch between VGHM and DRN is off. W hen GVOFF is low, the switch
between VGH and VGHM is off and the switch between VGHM and DRN is on.
9
EN
Enable Input. Pulling EN high, turn on boost regulator and VGH charge pump.
10
FB2
Buck Regulator Feedback Input. Connect to an external resistive voltage divider from the output to
FB2 to set the output voltage.
11
OUT
Buck Regulator Output Sense. Connect OUT pin to the Buck regulator output.
12
NC
No Connection.
13, 14
LX2
Buck Regulator Switching Node. LX2 is the source of the internal NMOS. Connect the inductor and
schottky diode to LX2.
15
BST
Buck Regulator Bootstrap Pin. BST is the supply for the high-side MOSFET gate driver. Connect a 0.1
μF
ceramic capacitor from BST to LX2.
16, 17
IN2
Buck Regulator Supply Input. Bypass IN2 to PGND a capacitor.
18
GND
Analog GND.
19
VDET
Voltage Detector Input. Connect to an external resistive voltage divider from the VIN to AGND.
20
INVL
Internal Regulator and Startup Circuitry Supply Input. The input voltage range of INVL is between +8V to
+14V. Connect a ceramic capacitor between INVL and GND.
21
VREG
Internal Regulator Output. Bypass VREG to GND a capacitor.
22
FSEL
Frequency Select Pin. Set FSEL to high for 750kHz operation. Set this pin to low for 500kHz operation.
23
CLIM
Boost Regulator OCP level setting by an external resistor to GND.
24
SS
Soft-Start Control Pin. Connect a soft-start capacitor to this pin. If external capacitor is less than 220pF,
soft-start is controlled internally and soft-start time is 10ms.
25, 26
LX1
Boost Regulator Switching Node. Connect the inductor and the schottky diode to LX1.
27, 28
PGND
Power Ground.
29
GD_I
Boost Regulator Output Sense Pin. Connected this pin to the boost regulator output.
30
GD
External PMOS Gate Drive Pin. GD pin will be pulled low when EN is high.
31
FB1
Boost Regulator Feedback Input. Connect to an external resistive voltage divider from the output to
FB1 to set the output voltage.
32
COMP
Boost Regulator Error Amplifier Compensation Pin.
33
THR
VGHM Falling Regulation Adjustment Input. Connect to an external resistive voltage divider from the
supply to GND to adjust the VGHM falling regulation set point.
34
SUPP
VGH Charge-Pump Regulator Power Source. Bypass SUPP to CPGND a ceramic capacitor.
35
CPGND
Power Ground for Charge Pump.
36
DRVP
VGH Charge-Pump Regulator Driver Output.
37
DLY
GPM Delay Input. Connect a capacitor between DLY and GND.
38
FBP
VGH Charge-Pump Regulator Feedback Input. Connect to an external resistive voltage divider from
the VGH to GND to set the output voltage.
39
VGH
GPM Input.
40
VGHM
GPM Output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com