| Electronic Components Datasheet Search |
|
LPS Marking, LP6284 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6284 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc |
|
6 / 9 page ![]() Preliminary Datasheet LP6284 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 6 of 9 LP6284–00 Version 0.0 AUG.-2016 Electrical Characteristics (VIN =3.3V, VAVDD =10V, TA=25°C, unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units General VIN Input Supply Voltage VIN 2.5 5.5 V VIN Supply Current IQ VFB=1.3V, LX no Switching 0.5 1 mA VFB=1.1V, LX Switching 2 4 mA Shutdown Current ISD 1 5 uA Input UVLO Threshold VUVLO(VTH) VIN Rising 1.8 2 2.2 V UVLO Threshold Hysteresis VUVLO(HYS) Falling Hysteresis 100 mV Frequency Selection Levels FOSC FSEL=Low 1.5 V FSEL=High 0.6 V FSEL Pull Down Current IFSEL VFSEL=1V 4 uA Thermal Shutdown Threshold TSD 160 °C Thermal Shutdown Hysteresis 30 °C Boost Regulator Switching Frequency FSW FSEL = GND -- 640 -- kHz FSEL = VIN 1000 1200 1500 Maximum Duty-Cycle DMAX 86 90 94 % Feedback Voltage VFB 1.228 1.24 1.252 V Line Regulation VIN=2.5V to 5.5V -0.1 %/V Switch-ON Resistance RDS(ON) 200 500 m Ω Current Limit ILimit 2 A Soft Start Current ISS 4 uA FB Fault Protection Voltage VUVP VFB Falling 1.05 V FB Fault Delay TUVP 160 ms Voltage Detector Minimum Operating Voltage VDV 1.6 V Detecting Voltage Adjustment VDet 1.08 1.1 1.12 V ������������������������������PullLowResistance RRST VRST=0.2V, IRST=1.2mA 1.7 k Ω DLY Source Current IDLY VDLY=1V 5 10 15 uA DLY Threshold Voltage VDLY 1.2 1.24 1.28 V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |