| Electronic Components Datasheet Search |
|
LPS Marking, LP6284 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6284 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 9 page ![]() Preliminary Datasheet LP6284 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 9 LP6284–00 Version 0.0 AUG.-2016 Functional Pin Description Pin NO. Pin Name Description 1 LX Boost Regulator Switching Node. Connect the inductor and the schottky diode to LX. 2 VIN Supply Input. The input voltage range is between 2.5V to 5.5V. Connect a ceramic capacitor between VIN and GND. 3 SS Soft-Start Control Pin. Connect a soft-start capacitor to this pin. 4 AGND Analog GND. 5 LDOF Linear Regulator Feedback Input. Connect to an external resistive voltage divider from the LDOO to GND to set the output voltage. 6 LDOO Linear Regulator Output. Bypass LDOO to GND with a capacitor. 7 LDOI Linear Regulator Power Source. Bypass LDOI to GND a capacitor. 8 VDET Voltage Detector Input. Connect to an external resistive voltage divider from the VIN to AGND. 9 ������������������������������ VoltageDetectorOutputforReset.ActiveLow 10 DLY Reset Delay Time. Connect a capacitor between DLY and GND. 11 HVDP High-Voltage Switch Delay Input. Connect a capacitor from HVDP to GND to set the delay time. 12 VFLK VFLK is produced by timing controller for charging or discharging VGHM. 13 DRN GPM Discharge Pin. 14 VGHM GPM Output. 15 VGH GPM Input. 16 FBP VGH Charge-Pump Regulator Feedback Input. Connect to an external resistive voltage divider from the VGH to GND to set the output voltage. 17 DRVP VGH Charge-Pump Regulator Driver Output. 18 AVDD VDD for Source Driver Power. This also supplies the GPM/OPA/Step-up Controller block. 19 OPO Unity-Gain operation amplifier output pin. 20 OPI Unity-Gain operation amplifier input Pin. 21 COMP Boost Regulator Error Amplifier Compensation Pin. 22 FB Boost Regulator Feedback Input. Connect to an external resistive voltage divider from the output to FB to set the output voltage. 23 FSEL Frequency Select Pin. Set FSEL to high for 1.2MHz operation. Set this pin to low for 640kHz operation. 24 PGND Power Ground. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |