| Electronic Components Datasheet Search |
|
LPS Marking, LP6284 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6284 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc |
|
7 / 9 page ![]() Preliminary Datasheet LP6284 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 7 of 9 LP6284–00 Version 0.0 AUG.-2016 Electrical Characteristics (Continued) (VIN =3.3V, VAVDD =10V, TA=25°C, unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Low Dropout Linear Regulator LDO Supply Voltage VLDO 2.5 5.5 V LDO Supply Current IQ_LDO 90 uA Dropout Voltage VDrop VIN= 3.3V, IOUT = 350mA 450 500 mV LDO Feedback Voltage VLDOF 1.224 1.24 1.256 V Current Limit ILimit 350 400 mA Line Regulation VIN=2.5V to 5.5V, IOUT=0.1A, VLDO=2.5V 0.1 0.3 %/V Load Regulation IOUT=1mA to 300mA 0.2 0.5 % Gate Pulse Modulator VFLK Input High Voltage VH_FLK 1.5 V VFLK Input High Voltage VL_FLK 0.8 V HVDP Charge Current IHVDP 20 uA VGH Switch ON Resistance RDS_GH 20 Ω DRN Switch ON Resistor RDS_DRN 25 Ω Positive Charge Pump Feedback Voltage VFBP No Load 1.216 1.24 1.264 V FBP Input Bias Current IB VFBP=1.5V -50 +50 nA DRVP Switch ON Resistance RDS_P 20 Ω RDS_N 20 Ω Switch Frequency FSW_DRVP FOSC /2 Hz Continuous Output Current IDRVP 20 mA Unity-Gain Operation Amplifier OPA Supply Current IOP 0.5 0.9 mA Input Offset Voltage VOS VOPO=VAVDD/2 -17 +17 mV OPI Input Bias Current IOP_B 1 50 nA Output Voltage Swing High VOH ILoad = 75mA VAVDD- 1.5 V Output Voltage Swing Low VOL ILoad = -75mA 1.5 Short Circuit Current VOP_Short VOPI= VAVDD/2 ±180 mA -3dB Bandwidth F3dB 12 MHz Gain Bandwidth GBW 8 MHz Slew Rate SR 12 V/us |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |