| Electronic Components Datasheet Search |
|
LPS Marking, LP6286 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6286 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc |
|
7 / 8 page ![]() Preliminary Datasheet LP6286 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 7 of 8 LP6286–00 Version 0.0 NOV.-2016 Electrical Characteristics (Continued) (VIN =5V, VAVDD =13V, TA=25°C, unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Gate Pulse Modulator DLY Source Current IDLY 4 5 6 uA DLY Threshold Voltage VDLY 1.22 1.25 1.28 V DLY Discharge Resistor RDLY 10 Ω VFLK Input High Voltage VFLK_H 2 V VFLK Input Low Voltage VFLK_L 0.5 V Propagation Delay VFLY to VGHM TPP VGH = 30V 200 ns VGH Switch ON Resistance RDS_GH VDLY=1.5V, VFLK = VIN 15 30 Ω DRN Switch ON Resistor RDS_DRN VDLY=1.5V, VFLK = GND 30 60 Ω VGHM Discharge Resistor RDS_VGHM VDLY=1V 1.5 2.5 3.5 k Ω Charge Pump Charge Pump Soft Start Time TSS_CP 3.4 ms Positive Feedback Voltage VFBP 1.23 1.25 1.27 V DRVP Switch ON Resistance RDS_DRVP1 3 20 Ω RDS_DRVP2 3 20 Ω Negative Feedback Voltage VFBN 235 250 265 mV DRVN Switch ON Resistance RDS_DRVN1 3 20 Ω RDS_DRVN2 3 20 Ω Operation Amplifier Input Offset Voltage VOS VOPO=VAVDD/2 2 15 mV Output Voltage Swing High VOH VOPP= VAVDD/2, ILoad = -50mA 5.03 5.06 V VOPP= VAVDD, ILoad = 5mA 9.85 9.92 Output Voltage Swing Low VOL VOPP= VAVDD/2, ILoad = 50mA 4.94 4.97 VOPP=0V, ILoad = -5mA 0.08 0.15 Short Circuit Current VOP_Short Unity-Gain, VOPO= VAVDD/2 ±200 mA Slew Rate SR VOPP = 2V to 8V, 8V to 2V, 20% to 80% 40 V/us |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |