| Electronic Components Datasheet Search |
|
LPS Marking, LP6286 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6286 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc |
|
4 / 8 page ![]() Preliminary Datasheet LP6286 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 4 of 8 LP6286–00 Version 0.0 NOV.-2016 Functional Pin Description Pin NO. Pin Name Description 1 OPP OPA Non-Inverting Input. 2 OPN OPA Inverting Input. 3 OPO OPA Output. 4 OGND Ground for OPA. Connect this pin to ground. 5 AVDD VDD for Source Driver Power. This also supplies the Charge-Pump/OPA power source. 6 DRVP VGH Charge-Pump Regulator Driver Output. 7 DRVN VGL Charge-Pump Regulator Driver Output. 8 VFLK VFLK is produced by timing controller for charging or discharging VGHM. 9 RST����� Open-DrainOutputforReset.ActiveLow. 10 FBP VGH Charge-Pump Regulator Feedback Input. Connect to an external resistive voltage divider from the VGH to GND to set the output voltage. 11 FBN VGL Charge-Pump Regulator Feedback Input. Connect to an external resistive voltage divider from the VGL to REF to set the output voltage. 12 REF Reference Voltage Output. Connect a ceramic capacitor between REF and GND. 13 VIN Supply Input. The input voltage range is between 2.5V to 5.5V. Connect a ceramic capacitor between VIN and GND. 14 AGND Analog GND. 15 VDET Voltage Detector Input. Connect to an external resistive voltage divider from the VIN to AGND. 16 COMP Boost Regulator Error Amplifier Compensation Pin. 17 FB Boost Regulator Feedback Input. Connect to an external resistive voltage divider from the output to FB to set the output voltage. 18 PGND Power Ground. 19 PGND Power Ground. 20 LX Boost Regulator Switching Node. Connect the inductor and the schottky diode to LX. 21 DRN GPM Discharge Pin. Connect a resistor between DRN and GND. 22 VGHM GPM Output. 23 VGH GPM Input. 24 DLY VGHM Delay Discharge Time. Connect a capacitor between DLY and GND. EP Exposed pad. Connect this pin to other gnd pin. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |