| Electronic Components Datasheet Search |
|
LPS Marking, LP6286 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc |
|
||||||||||||||||||||||||||||||
LP6286 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc |
|
1 / 8 page ![]() Preliminary Datasheet LP6286 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 1 of 8 LP6286–00 Version 0.0 NOV.-2016 Multi-Channel DC-DC Converter for LCD Panel General Description The LP6286 includes a high-efficiency boost regulator, a gate pulse modulator (GPM), a voltage detector, a VCOM buffer, and dual charge pump controller for active matrix TFT LCDs. The converter is a high switching frequency current-mode regulator with an integrated N- Channel 0.2Ω MOSFET that allows the use of small inductors and ceramic capacitors. The OPA can drive the LCD VCOM voltage by Unity-Gain buffer, that features high short-circuit current, fast slew rate and rail-to-rail inputs and outputs. The charge pump controller provides regulated TFT Gate-On voltage. The regulation of the charge pump is generated by the internal comparator that senses the output voltage and compares it with an internal reference. Other features include under-voltage protection, short circuit protection, thermal shutdown protection and under-voltage lockout (UVLO). The LP6286 is available in a space saving QFN-24 (0.5mm pitch) package. Order Information LP6286 □ □ □ F: Pb-Free Package Type QVF: QFN-24 Features Wide VIN Range: 2.5V to 5.5V 1.2MHz Current-Mode Boost Regulator Fast Transient Response to Pulsed Load Adjustable Output Voltage (±1%) Built-In 3A , 0.2Ω N-MOSFET High Efficiency Up to 90% Internal Soft-Start GPM Controller with Adjustable Power-On Delay and Falling Time Adjustable VGHM Delay Low Voltage Detector Programmable Detecting Voltage Open-Drain Reset Output Operation Amplifier for VCOM Buffer VGH and VGL Charge Pump Under-Voltage Protection Over-Temperature Protection Available in QFN-24 (4×4mm) RoHS Compliant and Halogen Free Pb-Free Package Applications TFT LCD Panel TFT LCD Monitor Marking Information Device Marking Package Shipping LP6286 LPS LP6286 YWX QFN-24 3K/REEL Y: Y is year code. W: W is week code. X: X is series number. |
Similar Description - LP6286 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |