| Electronic Components Datasheet Search |
|
041Z Marking, ISL45041IRZ Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
||||||||||||||||||||||||||||||
ISL45041IRZ Datasheet(HTML) 3 Page - Renesas Technology Corp |
|
3 / 8 page ![]() ISL45041 FN6189 Rev 6.00 Page 3 of 8 Apr 22, 2016 Absolute Maximum Ratings Thermal Information VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4V Input Voltages to GND SET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +4V AVDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +20V Output Voltages to GND OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +AVDD ESD Rating Human Body Model Device (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . . . . . . . . . . 2kV Input Pins (SCL, SDA) (Tested per JESD22-A114E) . . . . . . . . . . . . . . 4kV Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +85°C Thermal Resistance (Typical) JA (°C/W) JC (°C/W) 8 Ld TDFN Package (Notes 4, 5). . . . . . . . . 53 11 Moisture Sensitivity (see Technical Brief TB363) All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 2 Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493 CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 4. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech Brief TB379. 5. For JC, the “case temp” location is the center of the exposed metal pad on the package underside. Electrical Specifications Test Conditions: VDD = 3.3V, AVDD = 18V, RSET = 5kΩ, R1 = 10kΩ, R2 = 10kΩ; (See Figure 2) Unless otherwise specified. Typicals are at TA = +25°C. Boldface limits apply across the operating temperature range, 0°C to +85°C. PARAMETER SYMBOL TEST CONDITIONS MIN (Note 6)TYP MAX (Note 6)UNITS POWER SUPPLY CHARACTERISTICS VDD Supply Range Supporting EEPROM Programming VDD 2.6 3.6 V AVDD Supply Range Supporting EEPROM Programming AVDD 10.8 18 V VDD Supply Range for Wide-supply Operation (not supporting EEPROM programming) VDD 2.25 3.6 V AVDD Supply Range for Wide-supply Operation (not supporting EEPROM programming) AVDD 2.6V < VDD < 3.6V 4.5 18 V 2.25V < VDD < 2.6V 4.5 13 V VDD Supply Current IDD (Note 7) 65 µA AVDD Supply Current IAVDD (Note 8) 38 µA DC CHARACTERISTICS SET Voltage Resolution SETVR 7 7 7 Bits SET Differential Nonlinearity SETDN Monotonic Over-temperature 1 LSB SET Zero-scale Error SETZSE 3 LSB SET Full-scale Error SETFSE 8 LSB SET Current (RSET = 24.9kΩ and AVDD = 10V) ISET Through RSET (Note 11)20 µA SET External Resistance SETER To GND, AVDD = 18V 5 200 kΩ To GND, AVDD = 4.5V 2.25 45 kΩ To GND, AVDD = 15V, VDD = 3V VOUT > 2.5V (Note 12) 1.0 200 kΩ AVDD to SET Voltage Attenuation AVDD to SET (Note 9)1:20 V/V OUT Settling Time OUTST To 0.5 LSB Error Band (Note 9) 8µs OUT Voltage Range VOUT VSET + 0.5V 13 V SET Voltage Drift SETVD 25°C < TA < 55°C (Note 9)<10 mV |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |