Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

041Z Marking, ISL45041IRZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL45041IRZ
Description  TFT-LCD I2C Programmable VCOM Calibrator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL45041IRZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL45041IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL45041IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL45041IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL45041IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL45041IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL45041IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL45041IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL45041IRZ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISL45041
FN6189 Rev 6.00
Page 2 of 8
Apr 22, 2016
Pin Configuration
ISL45041
(8 LD TDFN)
TOP VIEW
OUT
AVDD
WP
GND
1
2
3
4
8
7
6
5
SET
SCL
SDA
VDD
PAD
Pin Descriptions
PIN
NUMBER
PIN
NAME
TYPE
PULL U/D
FUNCTION
1
OUT
Output
Adjustable Sink Current Output Pin. The current that sinks into the OUT pin is equal to the DAC setting times
the maximum adjustable sink current divided by 128. See SET pin function description for the maximum
adjustable sink current setting.
2
AVDD
Supply
High-Voltage Analog Supply. Bypass to GND with 0.1µF capacitor.
3WP
Input
Pull-Down Write Protect. Active Low. To enable programming, connect to 0.7*VDD supply or greater. The WP pin is
designed for static control. It has an internal pull-down current sink. To avoid the possibly overwriting the
EEPROM contents, no frequency above 1Hz should be applied to this input. Care should be taken to avoid
any glitches on the input. When removing or applying mechanical jumpers, always ensure the VDD power is
off. A high to low transition on the WP pin results in the register contents being loaded with EEPROM data.
4GND
Supply
Ground connection
5
VDD
Supply
Digital power supply input. Bypass to GND with 0.1µF capacitor.
6SDA
In/Out
I2C Serial Data Input and Output
7SCL
Input
I2C Clock Input
8
SET
Analog
Maximum Sink Current Adjustment Point. Connect a resistor from SET to GND to set the maximum
adjustable sink current of the OUT pin. The maximum adjustable sink current is equal to (AVDD/20) divided
by RSET.
Pad
Power
Thermal pad. Electrically connected to GND. Connect to ground plane on PCB to maximize thermal
performance.
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL45041IRZ
041Z
0 to +85
8 Ld 3x3 TDFN
L8.3x3A
ISL45041EVAL1Z
Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL45041. For more information on MSL, please see Technical Brief
TB363.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com