| Electronic Components Datasheet Search |
|
041Z Marking, ISL45041IRZ Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
||||||||||||||||||||||||||||||
ISL45041IRZ Datasheet(HTML) 1 Page - Renesas Technology Corp |
|
1 / 8 page ![]() FN6189 Rev 6.00 Page 1 of 8 Apr 22, 2016 FN6189 Rev 6.00 Apr 22, 2016 ISL45041 TFT-LCD I2C Programmable VCOM Calibrator DATASHEET The VCOM voltage of an LCD panel needs to be adjusted to remove flicker. The ISL45041 part provides a digital interface to control the sink current output that attaches to an external voltage divider. The increase in output sink current lowers the voltage on the external divider, which is applied to an external VCOM buffer amplifier. The desired VCOM setting is loaded from an external source via a standard 2-wire I2C serial interface. At power-up, the part automatically comes up at the last programmed EEPROM setting. An external resistor attaches to the SET pin and sets the full-scale sink current that determines the lowest voltage of the external voltage divider. The ISL45041 is available in an 8 Ld 3mmx3mm TDFN package with a maximum thickness of 0.8mm for ultra thin LCD panel design. An evaluation kit complete with software to control the DCP from a computer is available. Reference Application Note AN1275 and “Ordering Information” on page 2. Features • 128-step adjustable sink current output • 2.25V to 3.6V logic supply voltage operating range (2.6V minimum programming voltage) • 4.5V to 18V analog supply voltage operating range (10.8V minimum programming voltage) •I2C interface with addresses 100111x and 100110x • On-chip 7-Bit EEPROM •Output adjustment SET pin • Output guaranteed monotonic over-temperature • Thin 8 Ld 3mmx3mm DFN (0.8mm max) • Pb-free (RoHS compliant) Applications •LCD panels Related Literature • AN1208 “LCD screens don't flicker - or do they?” • AN1275, “ISL45041EVAL1Z User’s Manual” FIGURE 1. BLOCK DIAGRAM GND I2C INTERFACE DAC REGISTERS ANALOG DCP AND CURRENT SINK 7-BIT EEPROM SCL SDA WP VDD AVDD OUT SET 1 8 2 5 7 6 3 4 ISL45041 CURRENT SINK Q1 A1 |
Similar Description - ISL45041IRZ |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |