| Electronic Components Datasheet Search |
|
C6D08065 Marking, C6D08065A Datasheet(PDF) 2 Page - Cree, Inc |
|
||||||||||||||||||||||||||||||
C6D08065A Datasheet(HTML) 2 Page - Cree, Inc |
|
2 / 6 page ![]() 2 C6D08065A, Rev. -, 04-2019 Electrical Characteristics Symbol Parameter Typ. Max. Unit Test Conditions Note V F Forward Voltage 1.27 1.37 1.50 1.60 V I F = 8 A TJ=25°C I F = 8 A TJ=175°C Fig. 1 I R Reverse Current 2 15 40 160 μA V R = 650 V TJ=25°C V R = 650 V TJ=175°C Fig. 2 Q C Total Capacitive Charge 29 nC V R = 400 V, IF = 8A T J = 25°C Fig. 5 C Total Capacitance 518 57 45 pF V R = 0 V, TJ = 25°C, f = 1 MHz V R = 200 V, TJ = 25˚C, f = 1 MHz V R = 400 V, TJ = 25˚C, f = 1 MHz Fig. 6 E C Capacitance Stored Energy 4.4 μJ V R = 400 V Fig. 7 Note: This is a majority carrier diode, so there is no reverse recovery charge. Thermal Characteristics Symbol Parameter Typ. Unit Note R θ JC Thermal Resistance from Junction to Case 1.62 °C/W Fig. 9 Typical Performance Figure 1. Forward Characteristics Figure 2. Reverse Characteristics V F (V) V F (V) V R (V) V R (V) 0 20 40 60 80 100 0 100 200 300 400 500 600 700 800 ReverseVoltage,VR(V) TJ = 175 °C TJ = 125 °C TJ = 75 °C TJ = -55 °C TJ = 25 °C V R (V) 0 2 4 6 8 10 12 14 16 18 20 0.5 1.0 1.5 2.0 2.5 FowardVoltage,VF (V) TJ = -55°C TJ = 25°C TJ = 75°C TJ = 175°C TJ = 125°C V F (V) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |