Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

C6D08065 Marking, C6D08065A Datasheet(PDF) 5 Page - Cree, Inc

Part # C6D08065A
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C6D08065A Datasheet(HTML) 5 Page - Cree, Inc

  C6D08065A Datasheet HTML 1Page - Cree, Inc C6D08065A Datasheet HTML 2Page - Cree, Inc C6D08065A Datasheet HTML 3Page - Cree, Inc C6D08065A Datasheet HTML 4Page - Cree, Inc C6D08065A Datasheet HTML 5Page - Cree, Inc C6D08065A Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
C6D08065A, Rev. -, 04-2019
POS
Inches
Millimeters
Min
Max
Min
Max
A
.381
.410
9.677
10.414
B
.235
.255
5.969
6.477
C
.100
.120
2.540
3.048
D
.223
.337
5.664
8.560
D1
.457-.490
11.60-12.45 typ
D2
.277-.303 typ
7.04-7.70 typ
D3
.244-.252 typ
6.22-6.4 typ
E
.590
.615
14.986
15.621
E1
.302
.326
7.68
8.28
E2
.227
251
5.77
6.37
F
.143
.153
3.632
3.886
G
1.105
1.147
28.067
29.134
H
.500
.550
12.700
13.970
L
.025
.036
.635
.914
M
.045
.055
1.143
1.550
N
.195
.205
4.953
5.207
P
.165
.185
4.191
4.699
Q
.048
.054
1.219
1.372
S
3°
6°
3°
6°
T
3°
6°
3°
6°
U
3°
6°
3°
6°
V
.094
.110
2.388
2.794
W
.014
.025
.356
.635
X
3°
5.5°
3°
5.5°
Y
.385
.410
9.779
10.414
z
.130
.150
3.302
3.810
NOTE:
1. Dimension L, M, W apply for Solder Dip Finish
PIN 1
PIN 2
CASE
Recommended Solder Pad Layout
Part Number
Package
Marking
C6D08065A
TO-220-2
C6D08065
TO-220-2
Note: Recommended soldering profiles can be found in the applications note here:
http://www.wolfspeed.com/power_app_notes/soldering
Package Dimensions
Package TO-220-2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com