| Electronic Components Datasheet Search |
|
N01A Marking, LM317EMP Datasheet(PDF) 48 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM317EMP Datasheet(HTML) 48 Page - Texas Instruments |
|
48 / 51 page ![]() www.ti.com EXAMPLE BOARD LAYOUT 0.07 MAX ALL AROUND 0.07 MIN ALL AROUND (4.57) 2X (1.3) 2X (2.15) (5.7) (5.5) (2.285) (4.38) (R0.05) TYP TO-252 - 2.55 mm max height NDP0003B TRANSISTOR OUTLINE 4219870/A 03/2018 NOTES: (continued) 4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature numbers SLMA002(www.ti.com/lit/slm002) and SLMA004 (www.ti.com/lit/slma004). 5. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled, plugged or tented. LAND PATTERN EXAMPLE EXPOSED METAL SHOWN SCALE: 8X SYMM PKG 1 3 4 SEE SOLDER MASK DETAIL EXPOSED METAL METAL EDGE SOLDER MASK OPENING NON SOLDER MASK DEFINED (PREFERRED) SOLDER MASK DETAIL EXPOSED METAL METAL UNDER SOLDER MASK SOLDER MASK OPENING SOLDER MASK DEFINED |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |