Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

N01A Marking, LM317EMP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM317EMP
Description  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317EMP Datasheet(HTML) 1 Page - Texas Instruments

  LM317EMP Datasheet HTML 1Page - Texas Instruments LM317EMP Datasheet HTML 2Page - Texas Instruments LM317EMP Datasheet HTML 3Page - Texas Instruments LM317EMP Datasheet HTML 4Page - Texas Instruments LM317EMP Datasheet HTML 5Page - Texas Instruments LM317EMP Datasheet HTML 6Page - Texas Instruments LM317EMP Datasheet HTML 7Page - Texas Instruments LM317EMP Datasheet HTML 8Page - Texas Instruments LM317EMP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
( )
OUT
ADJ
R
V
= 1.25 V
I
R
R
2
2
1
1
æ
ö
+
+
ç
÷
è
ø
LM317-N
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM117, LM317-N
SNVS774Q – MAY 2004 – REVISED JUNE 2020
LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
1
1 Features
1
•
For a newer drop-in alternative, see the LM317
•
Typ. 0.1% load regulation
•
Typ. 0.01%/V line regulation
•
1.5-A output current
•
Adjustable output down to 1.25 V
•
Current limit constant with temperature
•
80-dB ripple rejection
•
Short-circuit protected output
•
−55°C to 150°C operating temperature range
(LM117)
2 Applications
•
Multifunction printers
•
AC drive power stage modules
•
Electricity meters
•
Servo drive control modules
•
Merchant network and server PSU
Typical Application
*Needed if device is more than 6 inches from filter
capacitors.
†Optional—improves transient response
††
3 Description
The LM117 and LM317-N series of adjustable 3-pin
positive voltage regulators are capable of supplying in
excess of 1.5 A over a 1.25-V to 37-V output range
and
a
wide
temperature
range.
They
are
exceptionally easy to use and require only two
external resistors to set the output voltage. Further,
both line and load regulation are better than standard
fixed regulators.
The
LM117
and
LM317-N
offer
full
overload
protection such as current limit, thermal overload
protection and safe area protection. All overload
protection circuitry remains fully functional even if the
adjustment terminal is disconnected.
Typically, no capacitors are needed unless the device
is situated more than 6 inches from the input filter
capacitors, in which case an input bypass is needed.
An optional output capacitor can be added to improve
transient response. The adjustment terminal can be
bypassed to achieve very high ripple rejection ratios
that are difficult to achieve with standard 3-terminal
regulators.
Because the regulator is floating and detects only the
input-to-output differential voltage, supplies of several
hundred volts can be regulated as long as the
maximum input-to-output differential is not exceeded.
That is, avoid short-circuiting the output.
By
connecting
a
fixed
resistor
between
the
adjustment pin and output, the LM117 and LM317-N
can be also used as a precision current regulator.
Supplies with electronic shutdown can be achieved
by clamping the adjustment terminal to ground, which
programs the output to 1.25 V where most loads draw
little current.
For applications requiring greater output current, see
the LM150 series (3 A) and LM138 series (5 A) data
sheets. For the negative complement, see the LM137
series data sheet.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM117
TO-3 (2)
38.94 mm x 25.40 mm
TO (3)
8.255 mm × 8.255 mm
LM317-N
TO-3 (2)
38.94 mm x 25.40 mm
TO-220 (3)
14.986 mm × 10.16 mm
TO-263 (3)
10.18 mm × 8.41 mm
SOT-223 (4)
6.50 mm × 3.50 mm
TO (3)
8.255 mm × 8.255 mm
TO-252 (3)
6.58 mm × 6.10 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Description - LM317EMP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM117 TI1-LM117 Datasheet
3Mb / 38P
LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
Adjustable Three-Channel Regulator
logo
Texas Instruments
LM117H TI1-LM117H Datasheet
3Mb / 40P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317AEMP TI1-LM317AEMP Datasheet
3Mb / 40P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
Three-Terminal Adjustable Regulator
logo
Texas Instruments
LM117 TI-LM117_15 Datasheet
3Mb / 41P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317 TI-LM317_15 Datasheet
1Mb / 32P
LM317 3-Terminal Adjustable Regulator
LM117 TI1-LM117_16 Datasheet
5Mb / 48P
Wide Temperature Three-Pin Adjustable Regulator
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
Wide Temperature Three-Pin Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com