| Electronic Components Datasheet Search |
|
N01A Marking, LM317EMP Datasheet(PDF) 8 Page - Texas Instruments |
|
|
||||||||||||||||||||||||||||||
LM317EMP Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 51 page ![]() 8 LM117, LM317-N SNVS774Q – MAY 2004 – REVISED JUNE 2020 www.ti.com Product Folder Links: LM117 LM317-N Submit Documentation Feedback Copyright © 2004–2020, Texas Instruments Incorporated (1) IMAX = 1.5 A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0 A for the DCY (SOT-223) package. IMAX = 0.5 A for the NDT (TO) and NDP (TO-252) packages. Device power dissipation (PD) is limited by ambient temperature (TA), device maximum junction temperature (TJ), and package thermal resistance (RθJA). The maximum allowable power dissipation at any temperature is : PD(MAX) = ((TJ(MAX) – TA) / RθJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL). (2) Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are covered under the specifications for thermal regulation. 7.7 LM317-N Electrical Characteristics (1) Some specifications apply over full Operating Temperature Range as noted. Unless otherwise specified, TJ = 25°C, VIN − VOUT = 5 V, and IOUT = 10 mA. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Reference voltage TJ = 25°C 1.25 V 3 V ≤ (VIN − VOUT) ≤ 40 V, 10 mA ≤ IOUT ≤ IMAX (1) (over Full Operating Temperature Range) 1.2 1.25 1.3 V Line regulation 3V ≤ (VIN − VOUT) ≤ 40 V (2) TJ = 25°C 0.01 0.04 %/V (over full operating temperature range) 0.02 0.07 Load regulation 10 mA ≤ IOUT ≤ IMAX (1) (2) TJ = 25°C 0.1% 0.5% (over full operating temperature range) 0.3% 1.5% Thermal regulation 20-ms pulse 0.04 0.07 %/W Adjustment pin current (over full operating temperature range) 50 100 μA Adjustment pin current change 10 mA ≤ IOUT ≤ IMAX (1) 3V ≤ (VIN − VOUT) ≤ 40V (over full operating temperature range) 0.2 5 μA Temperature stability TMIN ≤ TJ ≤ TMAX (over full operating temperature range) 1% Minimum load current (VIN − VOUT) = 40 V (over full operating temperature range) 3.5 10 mA Current limit (VIN − VOUT) ≤ 15 V TO-3, TO-263 Packages (over full operating temperature range) 1.5 2.2 3.4 A SOT-223, TO-220 Packages (over full operating temperature range) 1.5 2.2 3.4 TO, TO-252 Package (over full operating temperature range) 0.5 0.8 1.8 (VIN − VOUT) = 40 V TO-3, TO-263 packages 0.15 0.4 A SOT-223, TO-220 packages 0.15 0.4 TO, TO-252 package 0.075 0.2 RMS output noise, % of VOUT 10 Hz ≤ f ≤ 10 kHz 0.003% Ripple rejection ratio VOUT = 10 V, f = 120 Hz, CADJ = 0 μF (over full operating temperature range) 65 dB VOUT = 10V, f = 120 Hz, CADJ = 10 μF (over full operating temperature range) 66 80 dB Long-term stability TJ = 125°C, 1000 hrs 0.3% 1% |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |