| Electronic Components Datasheet Search |
|
6BW Marking, SMA6F30A Datasheet(PDF) 6 Page - STMicroelectronics |
|
||||||||||||||||||||||||||||||
SMA6F30A Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 14 page ![]() 2 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 2.1 SMA Flat package information Figure 12. SMA Flat package outline Table 3. SMA Flat mechanical data Symbol Millimeters Inches(1) Min Typ Max Min Typ Max A 0.90 1.10 0.035 0.044 A1 0.05 0.002 b 1.25 1.65 0.049 0.065 c 0.15 0.40 0.005 0.016 D 2.25 2.90 0.088 0.115 E 5.00 5.35 0.196 0.211 E1 3.95 4.60 0.155 0.182 G 2.00 0.079 G1 0.85 0.033 L 0.75 1.20 0.029 0.048 L1 0.45 0.018 L2 0.45 0.018 L3 0.05 0.002 V 8° 8° V1 8° 8° 1. Values in inches are converted from mm and rounded to 3 decimal digits. SMA6FxxA Package information DS12564 - Rev 4 page 6/13 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |