| Electronic Components Datasheet Search |
|
6BW Marking, SMA6F30A Datasheet(PDF) 3 Page - STMicroelectronics |
|
||||||||||||||||||||||||||||||
SMA6F30A Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 14 page ![]() Table 2. Electrical characteristics - parameter values (Tamb = 25 °C, unless otherwise specified) Type IRM max at VRM VBR at IR (1) 10 / 1000 µs 8 / 20 µs αT VCL(2)(3) IPP(4) RD VCL(2)(3) IPP(4) RD 25 °C 85 °C Min. Typ. Max. Max. Max. Max. Max. Max. µA V V mA V A Ω V A Ω 10-4/°C SMA6F5.0A 20 50 5.0 6.4 6.74 7.1 10 9.2 68 0.031 13.4 298 0.021 5.7 SMA6F6.0A 20 50 6.0 6.7 7.05 7.4 10 10.3 61 0.048 13.7 290 0.022 5.9 SMA6F6.5A 20 50 6.5 7.2 7.58 8 10 11.2 56 0.057 14.5 276 0.024 6.1 SMA6F8.5A 20 50 8.5 9.4 9.9 10.4 1 14.4 41.7 0.096 19.5 205 0.044 7.3 SMA6F10A 0.2 1 10 11.1 11.7 12.3 1 17 37 0.127 21.7 184 0.051 7.8 SMA6F11A 0.2 1 11 12.3 13 13.7 1 18 33.8 0.127 24.2 165 0.064 8.1 SMA6F12A 0.2 1 12 13.3 14 14.7 1 19.9 31 0.168 25.3 157 0.068 8.3 SMA6F13A 0.2 1 13 14.4 15.2 16 1 21.5 29 0.190 27.2 147 0.076 8.4 SMA6F14A 0.2 1 14 15.7 16.5 17.3 1 23.1 26 0.223 29 136 0.086 8.6 SMA6F15A 0.2 1 15 16.7 17.6 18.5 1 24.4 25.1 0.235 32.5 123 0.114 8.8 SMA6F16A 0.2 1 16 17.9 18.8 19.8 1 26 23.1 0.268 34.7 115 0.130 9.0 SMA6F18A 0.2 1 18 20 21.1 22.2 1 29.2 21.5 0.326 39.3 102 0.168 9.2 SMA6F20A 0.2 1 20 22.2 23.4 24.6 1 32.4 19.4 0.402 42.8 93 0.196 9.4 SMA6F22A 0.2 1 22 24.4 25.7 27 1 35.5 17.7 0.480 48.3 83 0.257 9.6 SMA6F23A 0.2 1 23 25.7 27 28.4 1 37.8 16.4 0.573 49.2 81 0.257 9.6 SMA6F24A 0.2 1 24 26.7 28.1 29.5 1 38.9 16 0.588 50 80 0.256 9.6 SMA6F26A 0.2 1 26 28.9 30.4 31.9 1 42.1 14.9 0.685 53.5 75 0.288 9.7 SMA6F28A 0.2 1 28 31.1 32.7 34.3 1 45.4 13.8 0.804 59 68 0.363 9.8 SMA6F30A 0.2 1 30 33.2 35 36.8 1 48.4 13 0.885 64.3 62 0.442 9.9 SMA6F31A 0.2 1 31 34.2 36 37.8 1 50.2 12.3 1.01 65 61 0.45 9.9 SMA6F33A 0.2 1 33 36.7 38.6 40.5 1 53.3 11.8 1.08 69.7 57 0.512 10 SMA6F36A 0.2 1 36 40 42.1 44.2 1 58.1 10.3 1.35 76 52 0.612 10 SMA6F40A 0.2 1 40 44.4 46.7 49 1 64.5 9.7 1.60 84 48 0.729 10.1 SMA6F48A 0.2 1 48 53.2 56 58.8 1 77.4 8.1 2.28 100 40 1.03 10.3 SMA6F58A 0.2 1 58 64.6 68 71.4 1 93.6 6.7 3.34 121 33 1.51 10.4 SMA6F64A 0.2 1 64 71.1 74.8 78.6 1 103 5.8 4.17 134 30 1.84 10.5 SMA6F70A 0.2 1 70 77.9 82 86.1 1 113 5.5 4.91 146 27 2.22 10.5 SMA6F85A 0.2 1 85 95 100 105 1 137 4.6 7.17 178 22.5 3.29 10.6 SMA6F100A 0.2 1 100 111 117 123 1 162 3.8 10.3 212 19 4.68 10.7 SMA6F130A 0.2 1 130 144 152 160 1 209 3 16.3 265 15 7 10.8 SMA6F154A 0.2 1 154 171 180 189 1 246 2.4 23.8 317 12.6 10.2 10.8 SMA6F170A 0.2 1 170 190 200 210 1 275 2.2 30 353 11.3 12.7 10.8 SMA6F188A 0.2 1 188 209 220 231 1 328 2 48.5 388 10.3 15.2 10.8 1. To calculate VBR versus Tj: VBR at TJ = VBR at 25 °C x (1 + αT x (Tj - 25)) 2. To calculate VCLmax versus IPPappli: VCLmax = VBR max + RD x IPPappli 3. To calculate VCL versus Tj: VCL at TJ = VCL at 25 °C x (1 + αT x (Tj - 25)) SMA6FxxA Characteristics DS12564 - Rev 4 page 3/13 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |