| Electronic Components Datasheet Search |
|
6BW Marking, SMA6F30A Datasheet(PDF) 1 Page - STMicroelectronics |
|
||||||||||||||||||||||||||||||
SMA6F30A Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 14 page ![]() Features • Peak pulse power: 600 W (10/1000 μs) and 4 kW (8/20 μs) • Flat and thin package: 1 mm • Stand-off voltage range from 5 V to 188 V • Unidirectional type • Low leakage current: 0.2 μA at 25 °C and 1 μA at 85 °C • Operating Tj max: 175 °C • High power capability at Tj max.: up to 400 W (10/1000 µs) • Lead finishing: matte tin plating Complies with the following standards • UL94, V0 • J-STD-020 MSL level 1 • J-STD-002, JESD 22-B102 E3 and MIL-STD-750, method 2026 • JESD-201 class 2 whisker test • IPC7531 footprint and JEDEC registered package outline • IEC 61000-4-2, C = 150 pF - R = 330 Ω exceeds level 4: – 30 kV (contact discharge) – 30 kV (air discharge) • IEC 61000-4-4 level 4: – 4 kV Description The SMA6F Transil series are designed to protect sensitive circuits against transient surges. The planar technology makes it compatible with high-end circuits where low leakage current and high junction temperature are required to provide long term reliability and stability. Product status link SMA6F SMA6F5.0A, SMA6F6.0A, SMA6F6.5A, SMA6F8.5A, SMA6F10A, SMA6F11A, SMA6F12A, SMA6F13A, SMA6F14A, SMA6F15A, SMA6F16A, SMA6F18A, SMA6F20A, SMA6F22A, SMA6F23A, SMA6F24A, SMA6F26A, SMA6F28A, SMA6F30A, SMA6F31A, SMA6F33A, SMA6F36A, SMA6F40A, SMA6F48A, SMA6F58A, SMA6F64A, SMA6F70A, SMA6F85A, SMA6F100A, SMA6F130A, SMA6F154A, SMA6F170A, SMA6F188A 600 W TVS in SMA Flat SMA6FxxA Datasheet DS12564 - Rev 4 - September 2019 For further information contact your local STMicroelectronics sales office. www.st.com |
Similar Description - SMA6F30A |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |