Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

702 Marking, 2N7002 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 2N7002
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

2N7002 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  2N7002 Datasheet HTML 1Page - National Semiconductor (TI) 2N7002 Datasheet HTML 2Page - National Semiconductor (TI) 2N7002 Datasheet HTML 3Page - National Semiconductor (TI) 2N7002 Datasheet HTML 4Page - National Semiconductor (TI) 2N7002 Datasheet HTML 5Page - National Semiconductor (TI) 2N7002 Datasheet HTML 6Page - National Semiconductor (TI) 2N7002 Datasheet HTML 7Page - National Semiconductor (TI) 2N7002 Datasheet HTML 8Page - National Semiconductor (TI) 2N7002 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2N7002
Electrical Characteristics TC e 25 C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
VGS e 0V ID e 10 mA60
V
IDSS
Zero Gate Voltage Drain Current
VDS e 60V VGS e 0V
1
m
A
TC e 125 C
500
m
A
IGSSF
Gate-Body Leakage Forward
VGS e 20V
100
nA
IGSSR
Gate-Body Leakage Reverse
VGS eb20V
b
100
nA
ON CHARACTERISTICS
VGS(th)
Gate Threshold Voltage
VDS e VGS ID e250 mA
1
21
25
V
rDS(ON)
Static Drain-Source
VGS e 10V ID e 05A
12
75
X
On-Resistance
TC e 125 C
2
135
X
VGS e 5V ID e 50 mA
17
75
X
TC e 125 C
28
135
X
VDS(ON)
Drain-Source On-Voltage
VGS e 10V ID e 05A
06
375
V
VGS e 5V ID e 50 mA
009
15
V
ID(ON)
On-State Drain Current
VGS e 10V VDS t 2VDS(ON)
500
2700
mA
gFS
Forward Transconductance
VDS t 2VDS(ON) ID e 200 mA
80
320
ms
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VDS e 25V VGS e 0V f e 10 MHz
20
50
pF
Coss
Output Capacitance
11
25
pF
Crss
Reverse Transfer Capacitance
4
5
pF
SWITCHING CHARACTERISTICS
tON
Turn-On Time
VDD e 30V ID e 200 mA VGS e 10V
20
ns
tOFF
Turn-Off Time
RGEN e 25X RL e 150X
20
ns
BODY-DRAIN DIODE RATINGS
IS
Maximum Continuous Drain-Source Diode Forward Current
115
mA
ISM
Maximum Pulsed Drain-Source Diode Forward Current
800
mA
VSD
Drain-Source Diode Forward Voltage
VGS e 0V IS e 115 mA
15
V
THERMAL CHARACTERISTICS
RiJA
Thermal Resistance Junction to Ambient
625
CW
Pulse Test Pulse Width s 300 ms Duty Cycle s 20%
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com