| Electronic Components Datasheet Search |
|
702 Marking, 2N7002 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
||||||||||||||||||||||||||||||
2N7002 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 10 page ![]() TLG11378 March 1993 2N70002N7002NDF7000ANDS7002A N-Channel Enhancement Mode Field Effect Transistor General Description These n-channel enhancement mode field effect transistors are produced using National’s very high cell density third generation DMOS technology These products have been designed to minimize on-state resistance provide rugged and reliable performance and fast switching They can be used with a minimum of effort in most applications requir- ing up to 400 mA DC and can deliver pulsed currents up to 2A This product is particularly suited to low voltage low current applications such as small servo motor controls power MOSFET gate drivers and other switching applica- tions Features Y Efficient high density cell design approaching (3 millionin2) Y Voltage controlled small signal switch Y Rugged Y High saturation current Y Low RDS (ON) TLG11378 – 1 TO-92 7000 Series TLG11378 – 2 TO-236 AB (SOT-23) 7002 Series TLG11378 – 3 Absolute Maximum Ratings Symbol Parameter 2N7000 2N7002 NDF7000A NDS7002A Units VDSS Drain-Source Voltage 60 V VDGR Drain-Gate Voltage (RGS s 1MX)60 V VGSS Gate-Source Voltage g 40 V ID Drain CurrentContinuous 200 115 400 280 mA Pulsed 500 800 2000 1500 mA PD Total Power Dissipation TA e 25 C 400 200 625 300 mW Derating above 25 C 32 16 5 24 mW C TJ TSTG Operating and Storage Temperature Range b 55 to 150 b 65 to 150 C TL Maximum Lead Temperature for Soldering 300 C Purposes from Case for 10 Seconds C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Similar Description - 2N7002 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |