| Electronic Components Datasheet Search |
|
WU1 Marking, PESD5V2S2UT Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
||||||||||||||||||||||||||||||
PESD5V2S2UT Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd. |
|
1 / 4 page ![]() Features ■ 300 W peak pulse power (tp =8/20μs) ■ Bidirectional and unidirectionalconfigurations ■ Solid-state silicon-avalanche technology ■ Low clamping voltage ■ Low leakage current ■ Low capacitance (Cj=120 pF typ.) ■ Protection two data lines ■ IEC 61000-4-2 ±30kV contact ±30kV air ■ IEC 61000-4-4 (EFT) 40A(5/50ns) ■ IEC 61000-4-5 (Lightning) 20A(8/20μs) Applications ■ Dataline ■ Automatic Teller Machines ■ Net works ■ Power line Mechanical Data ■ SOT-23 package ■ Molding compound flammability rating: UL 94V-0 ■ Packaging: Tape and Reel ■ RoHS/WEEE Compliant P ESD5V2S2UT 1 3 2 1 3 2 SOT-23 (Top View) Absolute Maximum Rating Rating Symbol Value Units Peak Pulse Power ( tp =8/20μs ) PPP 300 Peak Pulse Current ( tp =8/20μs )(note1) Ipp 20 A ESD per IEC 61000-4-2(Air) ESD per IEC 61000-4-2(Contact) VESD 30 30 kV Lead SolderingTemperature TL ℃ JunctionTemperature TJ -55 to + 125 ℃ StorageTemperature Tstg -55 to + 125 ℃ www.umw-ic.com 1 友台半导体有限公司 260 W |
Similar Description - PESD5V2S2UT |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |