Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AD244 Marking, SN74ACT244DBR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT244DBR
Description  SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT244DBR Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74ACT244DBR Datasheet HTML 12Page - Texas Instruments SN74ACT244DBR Datasheet HTML 13Page - Texas Instruments SN74ACT244DBR Datasheet HTML 14Page - Texas Instruments SN74ACT244DBR Datasheet HTML 15Page - Texas Instruments SN74ACT244DBR Datasheet HTML 16Page - Texas Instruments SN74ACT244DBR Datasheet HTML 17Page - Texas Instruments SN74ACT244DBR Datasheet HTML 18Page - Texas Instruments SN74ACT244DBR Datasheet HTML 19Page - Texas Instruments SN74ACT244DBR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
29-Jan-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74ACT244DBR
SSOP
DB
20
2000
330.0
16.4
8.2
7.5
2.5
12.0
16.0
Q1
SN74ACT244DGSR
VSSOP
DGS
20
5000
330.0
16.4
5.4
5.4
1.45
8.0
16.0
Q1
SN74ACT244DWR
SOIC
DW
20
2000
330.0
24.4
10.9
13.3
2.7
12.0
24.0
Q1
SN74ACT244NSR
SO
NS
20
2000
330.0
24.4
8.4
13.0
2.5
12.0
24.0
Q1
SN74ACT244PWR
TSSOP
PW
20
2000
330.0
16.4
6.95
7.0
1.4
8.0
16.0
Q1
SN74ACT244PWRG4
TSSOP
PW
20
2000
330.0
16.4
6.95
7.0
1.4
8.0
16.0
Q1
SN74ACT244RKSR
VQFN
RKS
20
3000
180.0
12.4
2.8
4.8
1.2
4.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38