| Electronic Components Datasheet Search |
|
L43 Marking, LP5952LC-1.3/NOPB Datasheet(PDF) 3 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
LP5952LC-1.3/NOPB Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 26 page ![]() EN 6 5 NC 4 OUT 1 BATT 2 GND 3 IN A3 C3 A1 B2 C1 OUT EN IN GND BATT LP5952 www.ti.com SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015 5 Pin Configuration and Functions YZR Package 5-Pin DSBGA Top View NC - No internal connection NKH Package 6-Pin USON Top View Pin Functions PIN TYPE DESCRIPTION NAME USON DSGBA BATT 1 C1 Input Bias input voltage; input range: 2.5 V to 5.5 V Enable pin logic input: low = shutdown, high = active, normal operation. This EN 6 C3 Input pin should not be left floating. Tie to BATT if this function is not used. GND 2 B2 Ground Ground IN 3 A1 Input Power input voltage; input range: 0.7 V to 4.5 V, VIN ≤ VBATT NC 5 — — Do not make connections to this pin. OUT 4 A3 Output Regulated output voltage Copyright © 2006–2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LP5952 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |