| Electronic Components Datasheet Search |
|
L43 Marking, LP5952LC-1.3/NOPB Datasheet(PDF) 1 Page - Texas Instruments |
|
||||||||||||||||||||||||||||||
LP5952LC-1.3/NOPB Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 26 page ![]() VBATT: 2.7 V to 5.5 V IN OUT GND EN For example, 1.5 V 1 PF BATT LP5952 Pre- regulator Li-Ion or 3-cell NiMh/NiCd 2.2 PF For example, 1.2 V A1 B2 C3 A3 C1 Load 0 to 350 mA Product Folder Sample & Buy Technical Documents Tools & Software Support & Community LP5952 SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015 LP5952 350-mA Dual-Rail Linear Regulator 1 Features 3 Description The LP5952 is a dual-supply-rail linear regulator 1 • Input Voltage Range: 0.7 V to 4.5 V optimized for powering ultralow-voltage circuits from a • 2.5 V ≤ VBATT ≤ 5.5 V single Li-Ion cell or 3-cell NiMH/NiCd battery. • 0.5V ≤ VOUT ≤ 2 V In the typical post-regulation application VBATT is • Ensured 350-mA Output Current directly connected to the battery (range 2.5 V to • For ILOAD = 350 mA: 5.5 V), and VIN is supplied by the output voltage of the DC-DC converter (range 0.7 V to 4.5 V). – VBATT ≥ VOUT(NOM) + 1.5 V or 2.5 V (Whichever is Higher) The device offers superior dropout and transient • For ILOAD = 150 mA: features combined with very low quiescent currents. In shutdown mode (Enable (EN) pin pulled low) the – VBATT ≥ VOUT(NOM) + 1.3 V or 2.5 V device turns off and reduces battery consumption to (Whichever is Higher) 0.1 µA (typical). The LP5952 also features internal • Excellent Load Transient Response: ±15 mV protection against overtemperature, overcurrent, and Typical undervoltage conditions. • Excellent Line Transient Response: ±1 mV Typical Depending upon application, only one or two tiny • 50-µA Typical Quiescent Current from VBATT surface-mount external components are required; performance is specified for a –40°C to +125°C • 10-µA Typical Quiescent Current from VIN junction temperature range. The device is available in • 0.1-µA Typical Quiescent Current in Shutdown fixed output voltages from 0.5 V to 2 V. For • Noise voltage = 100 µVRMS Typical availability, please contact your local Texas • Operates from a Single Li-Ion Cell or 3-Cell Instruments sales office. NiMH/NiCd Battery Device Information(1) • Thermal-Overload and Short-Circuit Protection PART NUMBER PACKAGE BODY SIZE (NOM) DSBGA (5) 1.326 mm × 0.96 mm 2 Applications LP5952 USON (6) 2.00 mm × 2.00 mm • Mobile Phones (1) For all available packages, see the orderable addendum at • Hand-Held Radios the end of the data sheet. • Personal Digital Assistants • Palm-Top PCs • Portable Instruments • Battery-Powered Devices Typical Application Circuit 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Description - LP5952LC-1.3/NOPB |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |