Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

L43 Marking, LP5952LC-1.3/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP5952LC-1.3/NOPB
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952LC-1.3/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5952LC-1.3/NOPB Datasheet HTML 6Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 7Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 8Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 9Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 10Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 11Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 12Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 13Page - Texas Instruments LP5952LC-1.3/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
VREF
+
-
Enable and
start-up
management
Thermal,
undervoltage, and
overcurrent
protection
EN
GND
BATT
IN
OUT
LP5952
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LP5952 is a dual-supply-rail linear regulator optimized for powering ultralow-voltage circuits from a single Li-
Ion cell or 3 cell NiMH/NiCd batteries. In a typical application, BATT is connected to the battery, and IN can be
supplied by the output of front stage DC-DC Converter. IN does not exceed BATT at any time.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Dual-Rail Supply
The LP5952 requires two different supply voltages:
•
VIN, the power input voltage, is regulated to the fixed output voltage.
•
VBATT, the bias input voltage, supplies internal circuitry.
It is important that VIN does not exceed VBATT at any time. If the device is used in the typical post-regulation
application as shown in Figure 18, the sequencing of the two power supplies is not an issue because VBATT
supplies both the DC-DC regulator and the LP5952 device. The output voltage of the DC-DC regulator takes
some time to rise up and supply the input voltage of the device. In this application VIN always ramps up more
slowly than VBATT.
If VIN is shorted to VBATT, the voltages at the two supply pins ramp up simultaneously causing no problems.
However, in applications with two independent supplies connected to the LP5952, special care must be taken to
ensure that VIN is always ≤ VBATT.
7.3.2 No-Load Stability
The LP5952 remains stable and in regulation with no external load. This is an important consideration in some
circuits, for example, CMOS RAM keep-alive applications.
7.3.3 Fast Turnon
Fast turnon is ensured by an optimized architecture allowing a fast ramp of the output voltage to reach the target
voltage while the inrush current is controlled low at 120 mA typical (for a COUT of 2.2 µF).
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com