| Electronic Components Datasheet Search |
|
AS1115 Marking, AS1115-BQFT Datasheet(PDF) 5 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1115-BQFT Datasheet(HTML) 5 Page - ams-OSRAM AG |
|
5 / 27 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1115 Revision 1.08 3 - 25 AS1115 Datasheet - A b s o l u t e M a x i m u m R a t i n g s 5 Absolute Maximum Ratings Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 2. Absolute Maximum Ratings Parameter Min Max Units Comments Electrical Parameters VDD to GND -0.3 7 V All other pins to GND -0.3 7 or VDD + 0.3 V DIG0:DIG7 Sink Current 500 mA SEGA:SEGG, SEGDP Sink Current 100 mA Input Current (latch-up immunity) -100 100 mA Norm: JEDEC 78 Electrostatic Discharge Electrostatic Discharge HBM +/- 1 kV Norm: MIL 883 E method 3015 Thermal Information Thermal Resistance ΘJA 88 °C/W on PCB, QSOP-24 package 30.5 °C/W on PCB, TQFN(4x4)-24 package Temperature Ranges and Storage Conditions Junction Temperature +150 ºC Storage Temperature Range -55 +150 ºC Package Body Temperature +260 ºC The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/JEDEC J-STD- 020“Moisture/Reflow Sensitivity Classification for Non- Hermetic Solid State Surface Mount Devices”. The lead finish for Pb-free leaded packages is matte tin (100% Sn). Humidity non-condensing 5 85 % Moisture Sensitive Level 1 Represents a max. floor life time of unlimited |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |