| Electronic Components Datasheet Search |
|
AS1115 Marking, AS1115-BQFT Datasheet(PDF) 6 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1115-BQFT Datasheet(HTML) 6 Page - ams-OSRAM AG |
|
6 / 27 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1115 Revision 1.08 4 - 25 AS1115 Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s 6 Electrical Characteristics VDD = 2.7V to 5.5V, RSET = 9.53k Ω, typ. values @ TAMB = +25ºC, VDD = 5.0V (unless otherwise specified). All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods. Table 3. Electrical Characteristics Symbol Parameter Conditions Min Typ Max Unit TAMB Operating Temperature Range -40 +85 °C TJ Operating Junction Temperature Range -40 +125 °C VDD Operating Supply Voltage 2.7 5.5 V IDDSD Shutdown Supply Current All digital inputs at VDD or GND, TAMB = +25ºC 0.2 2 A single digit, TAMB = +85ºC 4 A IDD Operating Supply Current RSET = open circuit. 0.35 0.6 mA All segments and decimal point on; ISEG = -40mA. 335 fOSC Display Scan Rate 8 digits scanned 0.48 0.96 kHz IDIGIT Digit Drive Sink Current VOUT = 0.65V 320 mA ISEG Segment Drive Source Current VDD = 5.0V, VOUT = (VDD -1V) -35 -41 -47 mA ∆ISEG Segment Drive Current Matching 3 % ISEG Segment Drive Source Current Average Current 47 mA Table 4. Logic Inputs/Outputs Characteristics Symbol Parameter Conditions Min Typ Max Unit IIH, IIL Input Current SDA, SCL VIN = 0V or VDD -1 1 A VIH Logic High Input Voltage SDA, SCL 0.7xVDD V VIL Logic Low Input Voltage SDA, SCL 0.3xVDD V VOL(SDA) SDA Output Low Voltage ISINK = 3mA 0.4 V VKEYopen Keyscan Open Input Voltage 0.8xVDD V VKEYshort Keyscan Short Input Voltage 0.7x VDD V VOL(IRQ) Interrupt Output Low Voltage ISINK = 3mA 0.4 V ∆VI Hysteresis Voltage DIN, CLK, LD/CS 1 V CB Capacitive Load for each Bus Line 550 pF Open Detection Level Threshold 0.7x VDD 0.75x VDD 0.8x VDD V Short Detection Level Threshold 0.05x VDD 0.1x VDD 0.15x VDD V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |