| Electronic Components Datasheet Search |
|
AS1115 Marking, AS1115-BQFT Datasheet(PDF) 13 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1115-BQFT Datasheet(HTML) 13 Page - ams-OSRAM AG |
|
13 / 27 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1115 Revision 1.08 11 - 25 AS1115 Datasheet - D e t a i l e d D e s c r i p t i o n Command Byte The AS1115 operation, (see Table 6) is determined by a command byte (see Figure 21 on page 11). Figure 21. Command Byte Figure 22. Command and Single Data Byte Received Figure 23. Setting the Pointer to a Address Register to select a Data Register for a Read Operation Figure 24. Reading nBytes from AS1115 D15 D14 D13 D12 D11 D10 D09 D08 MSB 6 5 4 3 2 1 LSB From Master to Slave From Slave to Master A A P A S Command Byte Data Byte Slave Address D14 D13 D12 D11 D10 D9 D8 D15 D6 D5 D4 D3 D2 D1 D0 D7 Acknowledge from AS1115 0 0 0 Acknowledge from AS1115 Acknowledge from AS1115 R/W 0 AS1115 Registers Autoincrement Memory Word Address 1 Byte From Master to Slave From Slave to Master A P A S Command Byte Slave Address D14 D13 D12 D11 D10 D9 D8 D15 0 0 Acknowledge from AS1115 Acknowledge from AS1115 R/W 0 AS1115 Registers From Master to Slave From Slave to Master A /A P A S First Data Byte Second Data Byte Slave Address D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 Not Acknowledge from Master 0 1 0 Acknowledge from Master Acknowledge from AS1115 R/W 1 AS1115 Registers Auto increment Memory Word Address n Bytes Auto increment to next address Stop reading |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |