Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2193-G Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM2193-G
Description  Sound Synthesis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2193-G Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM2193-G Datasheet HTML 1Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 2Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 3Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 4Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 5Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 6Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 7Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 8Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Features
• Single-chip All-in-one Design, Only Requires External DAC
– MIDI Control Processor, Serial and Parallel Interface
– Synthesis, General MIDI Wavetable Implementation
– Compatible Effects: Reverb + Chorus
– Spatial Effect
– 4-band Stereo Equalizer
• State-of-the-art Synthesis for Best Quality/Price Products
– 38-voice Polyphony + Effects
– On-chip CleanWave
™ Wavetable Data, Firmware, RAM Delay Lines
• Synthesizer Chipset: ATSAM2193/ATSAM2193-G + DAC
• Hardware Programmable DAC Mode
– I2S: 16 to 20 bits
– Japanese: 16 bits
• Typical Applications
– Battery-operated Musical Keyboards
– Portable Phones
– Karaokes
• TQFP44 (10 mm x 10 mm) Package for ATSAM2193
TFBGA44 (7 mm x 7 mm) Package for ATSAM2193-G
– Both Options Provide Small Footprint, Low Pin Count
• Low-power
– 95 mW Typical Operating, <5 µA Power-down
– 2.5V and 3.3V Power Supply or Single 2.5V Supply
– Built-in Power Switch
Description
The ATSAM2193 provides a single-chip, low-cost MIDI sound system. Equipped with
a serial and a parallel MIDI input, it provides state-of-the-art sound synthesis using a
full GM sound set together with a range of compatible effects. Its low power consump-
tion makes it ideal for all battery-powered applications such as portable Karaoke or
any other device using MIDI synthesis.
The ATSAM2193-G has the same functionality as the ATSAM2193 but is presented in
a TFBGA44 package.
Figure 1. Typical Hardware Configuration
MIDI IN
MPU-401
(Parallel MIDI)
ATSAM2193
or
ATSAM2193-G
Stereo
DAC
Audio
Out
Sound
Synthesis
ATSAM2193
ATSAM2193-G
Low-power
Single-chip
Synthesizer
with Effects
Rev. 2695A–DRMSD–06/03


Similar Part No. - ATSAM2193-G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
Audio Processing
More results

Similar Description - ATSAM2193-G

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM9703 ATMEL-ATSAM9703 Datasheet
126Kb / 16P
Sound Synthesis
STSAM9708 ATMEL-STSAM9708 Datasheet
373Kb / 30P
Sound Synthesis
ATSAM9743 ATMEL-ATSAM9743 Datasheet
156Kb / 21P
Sound Synthesis Single-chip Music System
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
logo
ATMEL Corporation
ATSAM2553 ATMEL-ATSAM2553 Datasheet
604Kb / 29P
Sound Synthesis
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com