Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2193-G Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM2193-G
Description  Sound Synthesis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2193-G Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM2193-G Datasheet HTML 1Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 2Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 3Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 4Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 5Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 6Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 7Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 8Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ATSAM2193/ATSAM2193-G
2695A–DRMSD–06/03
Pin Description
44-lead TQFP Package
Table 1. Pin by Function - 44-lead TQFP Package
Pin Name
Pin Number
Type
Function
Power Supply Group
GND
9, 11, 20, 22,
30, 34, 38, 42
PWR
Digital ground - all pins should be connected to a ground plane.
VC3
10, 29
PWR
I/O power supply, 2.25V to 3.6V. All pins should be connected to a nominal 3.3V power.
VC2
1, 12, 32, 41,
44
PWR
Core power supply, 2.25V to 2.75V. All pins should be connected to nominal 2.5V. If the
built-in power switch is used for minimum power-down consumption, then all these pins
should be connected to the output of the power switch PWROUT (pin 36).
PWRIN
35
PWR
Power switch input, 2.25V to 2.95V. Even if the power switch feature is not used, this pin
must be connected to nominal 2.5V.
Serial MIDI, Parallel MIDI (MPU-401)
MIDI IN
17
IN
Serial TTL MIDI IN. Connected to the built-in synthesizer at power-up or after MPU reset.
Connected to the D0 - D7 bus (read mode) when MPU switched to UART mode. This pin
should be tied HIGH if not used.
D0 - D7
6, 8, 14, 16,
18, 21, 24, 26
I/O
8-bit bi-directional bus, under control of CS, RD, WR. These pins should be left
unconnected if not used.
A0
2
IN
This pin has built-in pull-down. Should be left unconnected if not used.
Select:
0 = data registers (read/write)
1 = status register (read), control register (write)
CS
4
IN
Chip select, active low. This pin has a built-in pull-down. It should be left unconnected if not
used.
RD
31
IN
Read, active low. When CS and RD are low, data (A0 = 0) or status (A0 = 1) is read on D0-
D7. Read data is acknowledged on the rising edge of RD. This pin has a built-in pull-down.
It should be left unconnected if not used.
WR
33
IN
Write, active low. When CS and WR are low, data (A0 = 0) or control (A0 = 1) is written from
the D0 -D7 bus to the ATSAM2193 on the rising edge of WR. This pin has a built-in pull-up.
It should be left unconnected if not used.
IRQ
28
OUT
A rising edge indicates that a MIDI byte is available for read on D0 - D7. Acknowledged by
reading the byte.
Digital Audio Group
CLBD
3
OUT
Digital audio bit clock.
WSBD
23
OUT
Digital audio left/right select.
DABD
27
OUT
Digital audio stereo output.
DACSEL
15
IN
DAC type:
0 = I2S 16 to 20 bits
1 = Japanese 16 bits
Miscellaneous Group
X1, X2
39, 40
-
9.6 MHz crystal connection. An external 9.6 MHz clock can also be used on X1 (2.5V
PP
max through 47 pF capacitor). X2 cannot be used to drive external circuits, use CKOUT
instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com