Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM2193-G Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM2193-G
Description  Sound Synthesis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2193-G Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM2193-G Datasheet HTML 1Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 2Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 3Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 4Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 5Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 6Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 7Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 8Page - ATMEL Corporation ATSAM2193-G Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ATSAM2193/ATSAM2193-G
2695A–DRMSD–06/03
CKOUT
7
OUT
Buffered X2 output, can be used to drive external DAC master clock (256 * Fs)
LFT
43
-
PLL external RC network.
RESET
5
IN
Reset input, active low. This is a Schmitt trigger input, allowing direct connection to an RC
network.
PWROUT
36
PWR
Power switch output. Use this pin to supply 2.5V nominal core voltage by connecting it to all
V
C2 pins.
PDWN
37
IN
Power down, active low. When power down is active, all outputs are set to logic level 0. The
PLL and crystal oscillator are stopped. If the power switch feature is used, then 2.5V supply
is removed from the core. To exit from power down, PDWN must be set to V
C2, then RESET
applied. When unused this pin must be connected to V
C2.
TEST0 -
TEST1
13, 25
IN
Test pins, should be grounded.
RUN
19
OUT
When high, indicates synthesizer is up and running.
Table 1. Pin by Function - 44-lead TQFP Package (Continued)
Pin Name
Pin Number
Type
Function
Table 2. Pinout by Pin Number - 44-lead TQFP Package
Pin Number
Signal Name
Pin Number
Signal Name
Pin Number
Signal Name
Pin Number
Signal Name
1
VC2
12
VC2
23
WSBD
34
GND
2
A0
13
TEST0
24
D6
35
PWRIN
3
CLBD
14D2
25TEST1
36
PWROUT
4CS
15
DACSEL
26
D7
37
PDWN
5
RESET
16
D3
27
DABD
38
GND
6
D0
17
MIDI IN.
28
IRQ
39
X1
7
CKOUT
18
D4
29
VC3
40
X2
8
D1
19
RUN
30
GND
41
VC2
9GND
20
GND
31
RD
42
GND
10
VC3
21D5
32VC2
43
LFT
11
GND
22
GND
33
WR
44
VC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com