| Electronic Components Datasheet Search |
|
DLP650LE Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLP650LE Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 38 page ![]() 6 DLP650LE DLPS095 – NOVEMBER 2017 www.ti.com Product Folder Links: DLP650LE Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Pin Functions (continued) PIN NET LENGTH (mils) SIGNAL TYPE(1) DESCRIPTION NAME NO. (3) VSS must be connected for proper DMD operation. VSS (Ground) (3) A6, A11, A13, A15, A17, B4, B5, B8, B14, B15, B17, C2, C18, C19, F1, F2, F19, H1, H2, H3, H18, J18, K1, K2, L19, N2, P18, P19, R4, R9, R14, R15, T7, T13, T15, T17 P Common Return for all power. RESERVED SIGNALS RESERVED_FC R7 40.64 I Connect to GND on the DLP system board. Bond Pad connects to an internal pull–down circuit. RESERVED_FD R8 94.37 I Connect to GND on the DLP system board. Bond Pad connects to an internal pull–down circuit. RESERVED_PFE T8 50.74 I Connect to ground on the DLP system board. Bond Pad connects to an internal pull-down circuit. RESERVED_STM B6 I Connect to GND on the DLP system board. Bond Pad connects to an internal pull–down circuit. RESERVED_TP0 R10 93.3 I Do not connect on the DLP system board. RESERVED_TP1 T11 263.74 I Do not connect on the DLP system board. RESERVED_TP2 R11 281.47 I Do not connect on the DLP system board. RESERVED_BA T10 148.85 O Do not connect on the DLP system board. RESERVED_BB A10 105.28 O Do not connect on the DLP system board. RESERVED_RA1 T9 O Do not connect on the DLP system board. RESERVED_RB1 A7 O Do not connect on the DLP system board. RESERVED_TS B10 145.42 O Do not connect on the DLP system board. RESERVED_A(0) T2 NC Do not connect on the DLP system board. RESERVED_A(1) T3 RESERVED_A(2) R3 RESERVED_A(3) T4 RESERVED_M(0) R2 NC Do not connect on the DLP system board. RESERVED_M(1) P1 NC Do not connect on the DLP system board. RESERVED_S(0) T1 NC Do not connect on the DLP system board. RESERVED_S(1) R1 NC Do not connect on the DLP system board. RESERVED_IRQZ T6 NC Do not connect on the DLP system board. RESERVED_OEZ R5 NC Do not connect on the DLP system board. RESERVED_RSTZ R6 NC Do not connect on the DLP system board. RESERVED_STR T5 NC Do not connect on the DLP system board. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |